Electronic Components Datasheet Search
  English  ▼

X  

LM3355 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3355
Description  Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3355 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  LM3355 Datasheet HTML 1Page - National Semiconductor (TI) LM3355 Datasheet HTML 2Page - National Semiconductor (TI) LM3355 Datasheet HTML 3Page - National Semiconductor (TI) LM3355 Datasheet HTML 4Page - National Semiconductor (TI) LM3355 Datasheet HTML 5Page - National Semiconductor (TI) LM3355 Datasheet HTML 6Page - National Semiconductor (TI) LM3355 Datasheet HTML 7Page - National Semiconductor (TI) LM3355 Datasheet HTML 8Page - National Semiconductor (TI) LM3355 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Layout Considerations
Due to the 1 MHz typical switching frequency of the LM3355,
careful board layout is a must. It is important to place the
capacitors as close to the IC as possible and to keep the
traces between the capacitors and the IC short and direct.
Use of a ground plane is recommended.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com