Electronic Components Datasheet Search
  English  ▼

X  

LM3355 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3355
Description  Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3355 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3355 Datasheet HTML 1Page - National Semiconductor (TI) LM3355 Datasheet HTML 2Page - National Semiconductor (TI) LM3355 Datasheet HTML 3Page - National Semiconductor (TI) LM3355 Datasheet HTML 4Page - National Semiconductor (TI) LM3355 Datasheet HTML 5Page - National Semiconductor (TI) LM3355 Datasheet HTML 6Page - National Semiconductor (TI) LM3355 Datasheet HTML 7Page - National Semiconductor (TI) LM3355 Datasheet HTML 8Page - National Semiconductor (TI) LM3355 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
All Pins
−0.5V to 5.6V
Power Dissipation (T
A = 25˚C)
(Note 2)
Internally Limited
T
JMAX (Note 2)
150˚C
θ
JA (Note 2)
250˚C/W
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
Human Body Model
Machine Model
1.5 kV
100V
Operating Ratings
Input Voltage (V
IN)
2.5V to 5.5V
Output Voltage (V
OUT)
1.8V to 4.1V
Ambient Temperature (T
A) (Note 2)
−40˚C to +85˚C
Junction Temperature (T
J) (Note 2)
−40˚C to +125˚C
Electrical Characteristics
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating temperature range of
−40˚C
≤ T
A ≤ 85˚C. Unless otherwise specified: C1 =C2 = 0.33 µF; CIN = 10 µF; COUT = 10 µF; CFIL = 1 µF; VIN = 3.5V.
Parameter
Conditions
Min (Note 5)
Typ (Note 4)
Max (Note 5)
Units
LM3355-4.1
Output Voltage (V
OUT)VIN = 3.5V; I LOAD = 50 mA
4.038
4.1
4.162
V
2.6V < V
IN < 5.5V;
1mA < I
LOAD < 50 mA
3.977/3.936
4.1
4.223/4.264
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 40 mA
3.977/3.936
4.1
4.223/4.264
Efficiency
I
LOAD =10mA
80
%
I
LOAD=50mA
75
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3355-ALL OUTPUT VOLTAGE VERSIONS
Operating Quiescent Current
Measured at Pin V
IN;
I
LOAD = 0A (Note 6)
375
475
µA
Shutdown Quiescent Current
SD Pin at 0V (Note 7)
2.3
5
µA
Switching Frequency
0.60
1
1.40
MHz
SD Input Threshold Low
2.5V < V
IN < 5.5V
0.2 V
IN
V
SD Input Threshold High
2.5V < V
IN < 5.5V
0.8 V
IN
V
SD Input Current
Measured at SD Pin;
SD Pin = V
IN = 5.5V
0.3
µA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is
intended to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see “Electrical
Characteristics”.
Note 2: As long as TA ≤ +85˚C, all electrical characteristics hold true and the junction temperature should remain below +125˚C.
Note 3: The Human Body Model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The Machine Model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% tested
or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed by correlation using standard Statistical Quality Control methods (SQC).
All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 6: The VOUT pin is forced to 200 mV above the typical VOUT. This is to insure that the internal switches are off.
Note 7: The output capacitor COUT is fully discharged before measurement.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com