Electronic Components Datasheet Search
  English  ▼

X  

TLP151 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP151
Description  TOSHIBA Photocoupler IRED Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP151 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP151 Datasheet HTML 1Page - Toshiba Semiconductor TLP151 Datasheet HTML 2Page - Toshiba Semiconductor TLP151 Datasheet HTML 3Page - Toshiba Semiconductor TLP151 Datasheet HTML 4Page - Toshiba Semiconductor TLP151 Datasheet HTML 5Page - Toshiba Semiconductor TLP151 Datasheet HTML 6Page - Toshiba Semiconductor TLP151 Datasheet HTML 7Page - Toshiba Semiconductor TLP151 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP151
1
2019-10-10
© 2019
Toshiba Electronic Devices & Storage Corporation
TOSHIBA Photocoupler IRED + Photo IC
TLP151
Industrial Inverter
MOS FET / IGBT Gate Driver
IH(Induction Heating)
Operate at high ambient temperatures up to 110°C
The Toshiba TLP151 consists of an infrared LED and integrated high gain,
high-speed photodetectors. The TLP151 is housed in the SO6 package.
The photodetector has an internal Faraday shield that provides a guaranteed
common-mode transient immunity of ±15 kV/μs. TLP151 is suitable for direct
gate driving circuit for IGBTs or power MOSFETs.
Buffer logic type (Totem pole output)
Package type
: SO6
Peak Output Current
: IOP = ±0.6 A (max)
Guaranteed performance over temperature
: -40 to 110°C
Power supply voltage
: 10 to 30 V
Threshold Input Current
: IFLH = 5.0 mA (max)
Propagation delay time
: tpLH / tpHL = 700 ns (max)
Common mode transient immunity
: ±15 kV/μs (min)
Isolation voltage
: 3750 Vrms (min)
UL-recognized
: UL 1577, File No.E67349
cUL-recognized
: CSA Component Acceptance Service No.5A
File No.E67349
VDE-approved :EN 60747-5-5 ,EN 62368-1 (Note 1)
Note 1 : When a VDE approved type is needed,
please designate the
Option(V4).
Truth Table
Input
LED
M1
M2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
Construction Mechanical Ratings
JEDEC
―
JEITA
―
TOSHIBA
11-4L1
Weight
: 0.08 g (typ.)
Creepage distance
5.0 mm (min)
Clearance distance
5.0 mm (min)
Insulation thickness
0.4 mm (min)
1
3
4
5
6
SHIELD
1+
3−
VCC
VO
GND
(M1)
(M2)
ICC
IO
IF
VF
6
5
4
SHIELD
Unit
: mm
1
: ANODE
3
: CATHODE
4
: GND
5
: VO (Output)
6
: VCC
Pin Configuration (Top View)
Schematic
Start of commercial production
2009-10
1.27
1
3
5 4
3.7
± 0.15
7.0
± 0.4
6
0.4
2.54
0.5 min


Similar Part No. - TLP151

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
More results

Similar Description - TLP151

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com