Electronic Components Datasheet Search
  English  ▼

X  

TLP151 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP151
Description  TOSHIBA Photocoupler IRED Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP151 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP151 Datasheet HTML 1Page - Toshiba Semiconductor TLP151 Datasheet HTML 2Page - Toshiba Semiconductor TLP151 Datasheet HTML 3Page - Toshiba Semiconductor TLP151 Datasheet HTML 4Page - Toshiba Semiconductor TLP151 Datasheet HTML 5Page - Toshiba Semiconductor TLP151 Datasheet HTML 6Page - Toshiba Semiconductor TLP151 Datasheet HTML 7Page - Toshiba Semiconductor TLP151 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP151
2
2019-10-10
© 2019
Toshiba Electronic Devices & Storage Corporation
Absolute Maximum Ratings (Ta = 25 °C)
Characteristic
Symbol
Rating
Unit
Forward Current
IF
25
mA
Forward Current Derating (Ta ≥ 95°C)
ΔIF /°C
-0.67
mA/°C
Peak Transient Forward Current
(Note 1)
IFPT
50
mA
Peak Transient Forward Current Derating (Ta ≥ 95°C)
ΔIFPT /°C
-1.34
mA/°C
Diode Power Dissipation
PD
40
mW
Diode Power Dissipation Derating (Ta ≥ 95°C)
ΔPD/ΔTa
-1.3
mW/°C
Reverse Voltage
VR
5
V
“H” Peak Output Current
(Note 2)
IOPH
-0.6
A
“L” Peak Output Current
(Note 2)
IOPL
0.6
A
Output Voltage
VO
35
V
Supply Voltage
VCC
35
V
Output Power Dissipation
PO
80
mW
Output Power Dissipation Derating (Ta ≥ 95°C)
ΔPO/ΔTa
-2.0
mW/°C
Operating Temperature Range
Topr
-40 to 110
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC,60 s, R.H.
≤ 60 %)
(Note 3)
BVS
3750
Vrms
Note
: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc.).
Note 1
: Pulse width ≤ 1 ms, duty = 50 %.
Note 2
: Exponential waveform pulse width PW ≤ 2 μs, f ≤ 10 kHz
Note 3
: This device is regarded as a two terminal device: pins 1 and 3 are shorted together, as are pins 4, 5 and 6.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Input Current, High Level
(Note 1)
IFLH
7.5
-
15
mA
Input Voltage, Low Level
VFHL
0
-
0.8
V
Supply Voltage
(Note 2)
VCC
10
-
30
V
Peak output current
IOPH/ IOPL
-
-
±0.2
A
Operating Temperature
Topr
-40
-
110
°C
Note
: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Note 1
: Input signal rise time (fall time) < 0.5 μs.
Note 2
: This item denotes operating range, not meaning of recommended operating conditions. A steep rising
slope of the VCC may cause an unstable operation of the device. Therefore please design the VCC rise slope
under 3.0 V/μs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com