Electronic Components Datasheet Search
  English  ▼

X  

CMB1818 Datasheet(PDF) 3 Page - Cree LED

Part # CMB1818
Description  XLamp® CMB1818 LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1818 Datasheet(HTML) 3 Page - Cree LED

  CMB1818 Datasheet HTML 1Page - Cree LED CMB1818 Datasheet HTML 2Page - Cree LED CMB1818 Datasheet HTML 3Page - Cree LED CMB1818 Datasheet HTML 4Page - Cree LED CMB1818 Datasheet HTML 5Page - Cree LED CMB1818 Datasheet HTML 6Page - Cree LED CMB1818 Datasheet HTML 7Page - Cree LED CMB1818 Datasheet HTML 8Page - Cree LED CMB1818 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
XLAMP® CMB1818 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®, and the Cree logo are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS284
REV 0
3
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 18).
•
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
FLUX CHARACTERISTICS, ORDER CODES & BINS - STANDARD LEDS (I
F = 500 mA, TJ = 85 °C)
The following tables provide order codes for XLamp CMB1818 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 15).
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
5-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
6500 K
70
73
2867
3020
65E
CMB1818-0000-
000N0B0A65E
80
82
2639
2779
65E
CMB1818-0000-
000N0H0A65E
5700 K
70
73
2862
3014
57E
CMB1818-0000-
000N0B0A57E
80
82
2634
2774
57E
CMB1818-0000-
000N0H0A57E
90
92
2271
2391
57G
CMB1818-0000-
000N0U0A57G
5000 K
70
73
2845
2996
50E
CMB1818-0000-
000N0B0A50E
80
82
2618
2757
50G
CMB1818-0000-
000N0H0A50G
90
92
2240
2359
50G
CMB1818-0000-
000N0U0A50G
4000 K
70
73
2811
2960
40E
CMB1818-0000-
000N0B0A40E
80
82
2587
2725
40H
CMB1818-0000-
000N0H0A40H
40G
CMB1818-0000-
000N0H0A40G
90
92
2228
2347
40H
CMB1818-0000-
000N0U0A40H
40G
CMB1818-0000-
000N0U0A40G
3500 K
80
82
2567
2703
35H
CMB1818-0000-
000N0H0A35H
35G
CMB1818-0000-
000N0H0A35G
90
92
2223
2341
35H
CMB1818-0000-
000N0U0A35H
35G
CMB1818-0000-
000N0U0A35G
3000 K
70
73
2743
2889
30E
CMB1818-0000-
000N0B0A30E
80
82
2575
2712
30H
CMB1818-0000-
000N0H0A30H
30G
CMB1818-0000-
000N0H0A30G
90
92
2198
2314
30H
CMB1818-0000-
000N0U0A30H
30G
CMB1818-0000-
000N0U0A30G
2700 K
80
82
2421
2549
27H
CMB1818-0000-
000N0H0A27H
27G
CMB1818-0000-
000N0H0A27G
90
92
2109
2221
27H
CMB1818-0000-
000N0U0A27H
27G
CMB1818-0000-
000N0U0A27G
2200 K
80
82
2136
2249
22G
CMB1818-0000-
000N0H0A22G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com