Electronic Components Datasheet Search
  English  ▼

X  

CMB1818 Datasheet(PDF) 4 Page - Cree LED

Part # CMB1818
Description  XLamp® CMB1818 LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1818 Datasheet(HTML) 4 Page - Cree LED

  CMB1818 Datasheet HTML 1Page - Cree LED CMB1818 Datasheet HTML 2Page - Cree LED CMB1818 Datasheet HTML 3Page - Cree LED CMB1818 Datasheet HTML 4Page - Cree LED CMB1818 Datasheet HTML 5Page - Cree LED CMB1818 Datasheet HTML 6Page - Cree LED CMB1818 Datasheet HTML 7Page - Cree LED CMB1818 Datasheet HTML 8Page - Cree LED CMB1818 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
XLAMP® CMB1818 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®, and the Cree logo are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS284
REV 0
4
FLUX CHARACTERISTICS, ORDER CODES & BINS - STANDARD LEDS, PREMIUM COLOR (I
F = 500 mA, TJ = 85 °C)
Fidelity
Nominal
CCT
CRI*
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
Min.
Typ
Group
Order Code
4000 K
95
98
2012
2118
40H
CMB1818‑0000‑000N0Z0A40H
3500 K
95
98
2002
2108
35H
CMB1818‑0000‑000N0Z0A35H
3000 K
95
98
1943
2047
30H
CMB1818‑0000‑000N0Z0A30H
2700 K
95
98
1850
1949
27H
CMB1818‑0000‑000N0Z0A27H
Specialty
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
3100 K
90
92
2099
2210
31Q
CMB1818-0000-
000N0U0A31Q
3000 K
90
92
2066
2175
30U
CMB1818-0000-
000N0U0A30U
90
92
2154
2268
30Q
CMB1818-0000-
000N0U0A30Q
95
98
1831
1929
L7C
CMB1818-0000-
000N0Z0AL7C
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 18).
•
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com