Electronic Components Datasheet Search
  English  ▼

X  

CMB1818 Datasheet(PDF) 14 Page - Cree LED

Part # CMB1818
Description  XLamp® CMB1818 LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1818 Datasheet(HTML) 14 Page - Cree LED

Back Button CMB1818 Datasheet HTML 10Page - Cree LED CMB1818 Datasheet HTML 11Page - Cree LED CMB1818 Datasheet HTML 12Page - Cree LED CMB1818 Datasheet HTML 13Page - Cree LED CMB1818 Datasheet HTML 14Page - Cree LED CMB1818 Datasheet HTML 15Page - Cree LED CMB1818 Datasheet HTML 16Page - Cree LED CMB1818 Datasheet HTML 17Page - Cree LED CMB1818 Datasheet HTML 18Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
XLAMP® CMB1818 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®, and the Cree logo are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS284
REV 0
14
PREMIUM COLOR BINS PLOTTED ON THE 1931 CIE COLOR SPACE (T
J = 85 °C) - CONTINUED
Speciality (2-step)
Speciality (3-step)
3000 K
3500 K
L7C
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle
3000K
3500K
30Q
30U
31Q
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com