Electronic Components Datasheet Search
  English  ▼

X  

SIP32434AEVB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP32434AEVB
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434AEVB Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP32434AEVB Datasheet HTML 4Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 5Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 6Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 7Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 9Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
8
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 16 - Enable Resistance vs. Temperature
Fig. 17 - Rise Time vs. Temperature
Fig. 18 - Turn On Delay Time vs. Temperature
Fig. 19 - Turn Off Delay Time vs. Temperature
Fig. 20 - OVP Voltage vs. Temperature
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20406080
100
Axis Title
T - Temperature (°C)
V
IN = 12 V
10
100
1000
10000
200
300
400
500
600
700
800
900
-40
-20
0
20406080
100
Axis Title
T - Temperature (°C)
V
IN = 12 V
10
100
1000
10000
50
100
150
200
250
300
-40
-20
0
20406080
100
Axis Title
T - Temperature (°C)
V
IN = 12 V
10
100
1000
10000
0
1
2
3
4
5
-40
-20
0
20406080
100
Axis Title
T - Temperature (°C)
V
IN = 12 V
10
100
1000
10000
0
0.4
0.8
1.2
1.6
2.0
-40
-20
0
20406080
100
Axis Title
T - Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com