Electronic Components Datasheet Search
  English  ▼

X  

SIP32434AEVB Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIP32434AEVB
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434AEVB Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIP32434AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 9Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 14Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 15Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
12
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OVERVIEW
The SIP32434A and SIP32434B are eFuses with comprehensive integrated control features that simplify the design and
increase the reliability of the circuitry connected to the switch.
The 32 m
 switches are designed to operate in the 2.8 V to 23 V range. An internally generated gate drive voltage ensures good
RON linearity over the input voltage operating range.
The devices start their operation by checking the VIN, VOUT, OVP, and EN / UVLO pins. When the voltages are in the ranges
without exceeding under- or over-voltage protection thresholds, the PGD open drain switch is off. A high level on the EN / UVLO
pin enables the internal MOSFET to start conducting and allows current to flow from IN to OUT. When EN / UVLO is held low,
the internal MOSFET is turned off.
After a successful turn-on sequence, the device now actively monitors its load current, input voltage, and protects the load from
harmful over-current, and over-voltage conditions. A built-in thermal sense circuit will detect junction over temperature and shut
down the switch for safety.
SWITCH ON / OFF, AND UNDER-VOLTAGE LOCK OFF PROTECTION - UVLO
EN / UVLO pin controls the on / off of the power switch. When EN / UVLO is at a logic high the switch is on. When EN / UVLO
is at a logic low, the switch is off.
The SIP32434A and SIP32434B implement under-voltage protection on the EN / UVLO to turn off the output. It is a user-defined
under-voltage protection setting to flexibly select the proper minimum applied voltage for the downstream load or the device’s
proper operation.
The diagram shows how a resistor divider from supply to GND can be used to set the UVLO set point for a given voltage supply
level.
Fig. 34
The resistors must be sized large enough to minimize the constant leakage from supply to ground through the resistor divider
network. At the same time, keep the current through the resistor network sufficiently larger than the leakage current on the EN
/ UVLO pin to minimize the error in the resistor divider ratio.
Where VUVPR is 1.25 V.
IN
GND
EN /
UVLO
R
EN1
R
EN2
Power
source
SIP32434
R
EN1 =
R
EN2 VIN - VUVPR

V
UVPR
---------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com