Electronic Components Datasheet Search
  English  ▼

X  

SIP32434AEVB Datasheet(PDF) 16 Page - Vishay Siliconix

Part # SIP32434AEVB
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434AEVB Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button SIP32434AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 14Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 15Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 16Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 17Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 18Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 19Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
16
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 38
CURRENT LIMIT SETTING
The SIP32434A and SIP32434B actively monitor the current flow through the switch and provide a quick response to
over-current conditions by actively regulating the current to a set limit. The current limit is set by connecting a resistor between
the ILIM pin and GND. RSET can be calculated by the following formula for a desired current limit:
When the load current exceeds the threshold (ILIM), the parts respond within 1 μs (typ.) to turn off the switch and then regulate
the switch gate voltage to limit the output current to the set ILIM level. During this brief period before the over-current protection
circuit is engaged, the parts will see a surge current, especially under a severe output short condition. The magnitude of the
surge current developed during the period when the over-current protection is not engaged is determined by impedance in the
loop from the input current source to ground and the response time. This impedance is the sum total of the current source
impedance, the path resistance and inductance, and the load impedance.
If the over-current condition persists for more than 6 ms / typ., the switch shuts off. When VOUT falls below 95 % of VIN, the PGD
is pulled low. The device will exit current limiting when the load current falls below ILIM before the end of the current limit period.
The control circuit will increase the gate drive in the same manner as the soft start when the switch exits from the current limit
mode.
IOUT
ILIM , OCP Threshold
50% EN to 10% VIN
VSS (VIN/9)
PGD
EN /UVLO
VIN
TON_DLY <550 μs
TOFF_DLY 1 μs
50% EN to 90% VIN
RLOA D =
5V
PGD is pulled thr ough a resistor to an external voltage source
VOUT
VIN
SR (V/ms) =
I
INRUSH (mA)
C
OUT (μF)
---------------------------------
R
SET =
0.6 V
I
LIM
------------- x 20 600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com