Electronic Components Datasheet Search
  English  ▼

X  

TFS Datasheet(PDF) 4 Page - C&K Components

Part # TFS
Description  Splash Proof Mid Size Snap-acting Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TFS Datasheet(HTML) 4 Page - C&K Components

  TFS Datasheet HTML 1Page - C&K Components TFS Datasheet HTML 2Page - C&K Components TFS Datasheet HTML 3Page - C&K Components TFS Datasheet HTML 4Page - C&K Components TFS Datasheet HTML 5Page - C&K Components TFS Datasheet HTML 6Page - C&K Components TFS Datasheet HTML 7Page - C&K Components TFS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
J
J–71
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TFS Series
Splash Proof Mid Size Snap-acting Switches
CIRCUITRY
C SPDT (Single Pole, Double Throw)
Y SPST N.O. (Single Pole, Single Throw, Normally Open)
W SPST N.C. (Single Pole, Single Throw, Normally Closed)
TERMINAL TYPE
40  .187” QUICK CONNECT
Third Angle
Projection
ACTUATOR
20.3
18.05
27.81
16.46
A
A25  LEVER ROLLER
LOW FORCE, SHORT LEVER
Max. operating force
150 grams
Min. release force
15 grams
Operating position
OP
20.4 ± 0.9 mm
Max. movement
differential
0.9 mm
Min. over travel OT
1.2 mm
Max. pre-travel PT
4.2 mm
Measure at Point “A”
10.3
3.1
33
7.8
0.5 TYP
5.2 TYP
2.75
REF
3.1
20.2
REF
27.8
22.2
3-#187
QUICK CONNECT
TERMINAL
15.9
10.3
9.9
MOUNTING HOLE SIZE
2.9
3.2
2.9
3.2
3.1
3.1
NONE  3.1 mm (3mm SCREW CLEARANCE HOLE)
S  2.9 mm (4-40 SCREW CLEARANCE HOLE)
30 Apr 21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com