Electronic Components Datasheet Search
  English  ▼

X  

TFS Datasheet(PDF) 6 Page - C&K Components

Part # TFS
Description  Splash Proof Mid Size Snap-acting Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TFS Datasheet(HTML) 6 Page - C&K Components

  TFS Datasheet HTML 1Page - C&K Components TFS Datasheet HTML 2Page - C&K Components TFS Datasheet HTML 3Page - C&K Components TFS Datasheet HTML 4Page - C&K Components TFS Datasheet HTML 5Page - C&K Components TFS Datasheet HTML 6Page - C&K Components TFS Datasheet HTML 7Page - C&K Components TFS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4
20.2
REF
10.3
3.1
3.2
41
34.3
27.8
22.2
10.3
9.9
15.9
COM : BLACK / UL1015 16AWG OR EQUIVALENT
NC : RED / UL1015 16AWG OR EQUIVALENT
NO : BLUE / UL1015 16AWG OR EQUIVALENT
J
J–73
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TFS Series
Sealed Mid Size Snap-acting Switches (Water Proof)
SERIES
OPERATING FORCE
ELECTRICAL RATING
TFS  MID SIZE SNAP-ACTING SWITCHES – WATERPROOF
OPTION CODE
RoHS
COMPLIANT
RoHS
COMPATIBLE
ELECTRICAL RATING
10
Yes
Yes
10A @ 125/250 V AC / 10,000 operations
06
Yes
Yes
6A @ 125/250 VAC / 10,000 operations
03
Yes
Yes
3A @ 125/250 VAC / 10,000 operations
01
Yes
Yes
0.1A @ 125/250 VAC / 10,000 operations
BASIC SWITCH OPERATING
OPTION CODE
FORCE
S
200 GRAMS
D
50 grams
J
100 grams
L
150 grams
H
300 grams
Third Angle
Projection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com