Electronic Components Datasheet Search
  English  ▼

X  

TFS Datasheet(PDF) 7 Page - C&K Components

Part # TFS
Description  Splash Proof Mid Size Snap-acting Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TFS Datasheet(HTML) 7 Page - C&K Components

  TFS Datasheet HTML 1Page - C&K Components TFS Datasheet HTML 2Page - C&K Components TFS Datasheet HTML 3Page - C&K Components TFS Datasheet HTML 4Page - C&K Components TFS Datasheet HTML 5Page - C&K Components TFS Datasheet HTML 6Page - C&K Components TFS Datasheet HTML 7Page - C&K Components TFS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
J
J–74
Dimensions are shown: (mm)
Specifications and dimensions subject to change
www.ckswitches.com
ACTUATOR
P00  BUTTON
FP 14.7
20.2
2.5
A
Max. operating force
200 grams
Min. release force
30 grams
Operating position
OP
14.7 ± 0.4 mm
Max. movement
differential
0.4 mm
Min. over travel OT
1.0 mm
Max. pre-travel PT
1.2 mm
Measure at Point “A”
TFS Series
Sealed Mid Size Snap-acting Switches (Water Proof)
20.19
19.37
18.2
16.46
A
24.35
FP
OP
20.66
A
31.85
FP
OP
20.66
A
T10  LEVER, HIGH FORCE
T20  LEVER, LOW FORCE
A05  LEVER ROLLER
HIGH FORCE, SHORT LEVER
Max. operating force
160 grams
Min. release force
25 grams
Operating position
OP
15.1 ± 0.6 mm
Max. movement
differential
0.6 mm
Min. over travel OT
1.1 mm
Max. pre-travel PT
2.6 mm
Max. operating force
90 grams
Min. release force
10 grams
Operating position
OP
15 ± 1.1 mm
Max. movement
differential
1.1 mm
Min. over travel OT
1.2 mm
Max. pre-travel PT
5.1 mm
Max. operating force
200 grams
Min. release force
30 grams
Operating position
OP
20.6 ± 0.5 mm
Max. movement
differential
0.5 mm
Min. over travel OT
1.0 mm
Max. pre-travel PT
2.1 mm
Measure at Point “A”
Measure at Point “A”
Measure at Point “A”
29.92
FP
OP
26.16
A
A10  LEVER ROLLER
HIGH FORCE
Max. operating force
130 grams
Min. release force
20 grams
Operating position
OP
20.4 ± 0.7 mm
Max. movement
differential
0.7 mm
Min. over travel OT
1.3 mm
Max. pre-travel PT
3.3 mm
Measure at Point “A”
37.45
FP
OP
26.16
A
A20  LEVER ROLLER
LOW FORCE
Max. operating force
70 grams
Min. release force
10 grams
Operating position
OP
20.2 ± 1.2 mm
Max. movement
differential
1.4 mm
Min. over travel OT
1.5 mm
Max. pre-travel PT
6.5 mm
Measure at Point “A”
Third Angle
Projection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com