Electronic Components Datasheet Search
  English  ▼

X  

74AHCT573 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74AHCT573
Description  Octal D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors 74AHCT573 Datasheet HTML 10Page - NXP Semiconductors 74AHCT573 Datasheet HTML 11Page - NXP Semiconductors 74AHCT573 Datasheet HTML 12Page - NXP Semiconductors 74AHCT573 Datasheet HTML 13Page - NXP Semiconductors 74AHCT573 Datasheet HTML 14Page - NXP Semiconductors 74AHCT573 Datasheet HTML 15Page - NXP Semiconductors 74AHCT573 Datasheet HTML 16Page - NXP Semiconductors 74AHCT573 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1999 Sep 27
13
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
Fig.8 The 3-state enable and disable times.
handbook, full pagewidth
MNA450
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VOH − 0.3 V
VOL + 0.3 V
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VCC
VM
(1)
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
Fig.9 Load circuitry for switching times.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA183
D.U.T.
CL
RT
1000
Ω
PULSE
GENERATOR
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com