Electronic Components Datasheet Search
  English  ▼

X  

74AHCT573 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT573
Description  Octal D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT573 Datasheet HTML 1Page - NXP Semiconductors 74AHCT573 Datasheet HTML 2Page - NXP Semiconductors 74AHCT573 Datasheet HTML 3Page - NXP Semiconductors 74AHCT573 Datasheet HTML 4Page - NXP Semiconductors 74AHCT573 Datasheet HTML 5Page - NXP Semiconductors 74AHCT573 Datasheet HTML 6Page - NXP Semiconductors 74AHCT573 Datasheet HTML 7Page - NXP Semiconductors 74AHCT573 Datasheet HTML 8Page - NXP Semiconductors 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Sep 27
2
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A
exceeds 2000 V
MM EIA/JESD22-A115-A
exceeds 200 V
CDM EIA/JESD22-C101
exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger
actions
• Common 3-state output enable
input
• Functionally identical to the ‘563’
and ‘373’
• Inputs accepts voltages higher than
VCC
• For AHC only:
operates with CMOS input levels
• For AHCT only:
operates with TTL input levels
• Specified from
−40 to +85 and +125 °C.
DESCRIPTION
The 74AHC/AHCT573 are high-speed Si-gate CMOS devices and are pin
compatible with low power Schottky TTL (LSTTL). They are specified in
compliance with JEDEC standard No. 7A.
The 74AHC/AHCT573 are octal D-type transparent latches featuring separate
D-type inputs for each latch and 3-state outputs for bus oriented applications.
A Latch Enable (LE) input and an Output Enable (OE) input are common to all
latches.
The ‘573’ consists of eight D-type transparent latches with 3-state true outputs.
When LE is HIGH, data at the Dn inputs enters the latches. In this condition the
latches are transparent, i.e. a latch output will change state each time its
corresponding D-input changes.
When LE is LOW the latches store the information that was present at the
D-inputs a set-up time preceding the HIGH-to-LOW transition of LE. When OE
is LOW, the contents of the 8 latches are available at the outputs. When OE is
HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE
input does not affect the state of the latches.
The ‘573’ is functionally identical to the ‘533’, ‘563’ and ‘373’, but the ‘533’ and
‘563’ have inverted outputs and the ‘563’ and ‘373’ have a different pin
arrangement.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
Dn to Qn; LE to Qn
CL = 15 pF; VCC = 5 V
4.2
3.9
ns
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation
capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
12
18
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com