Electronic Components Datasheet Search
  English  ▼

X  

74AHCT573 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT573
Description  Octal D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT573 Datasheet HTML 1Page - NXP Semiconductors 74AHCT573 Datasheet HTML 2Page - NXP Semiconductors 74AHCT573 Datasheet HTML 3Page - NXP Semiconductors 74AHCT573 Datasheet HTML 4Page - NXP Semiconductors 74AHCT573 Datasheet HTML 5Page - NXP Semiconductors 74AHCT573 Datasheet HTML 6Page - NXP Semiconductors 74AHCT573 Datasheet HTML 7Page - NXP Semiconductors 74AHCT573 Datasheet HTML 8Page - NXP Semiconductors 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Sep 27
3
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
I = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
Z = high-impedance OFF-state.
ORDERING INFORMATION
PINNING
OPERATING MODES
INPUTS
INTERNAL
LATCHES
OUTPUTS
OE
LE
Dn
Q0 to Q7
Enable and read register
(transparent mode)
L
H
LLL
L
HHHH
Latch and read register
L
L
I
L
L
LLh
H
H
Latch register and disable
outputs
HL
l
L
Z
HL
hH
Z
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC573D
74AHC573D
20
SO
plastic
SOT163-1
74AHC573PW
74AHC573PW DH
20
TSSOP
plastic
SOT360-1
74AHCT573D
74AHCT573D
20
SO
plastic
SOT163-1
74AHCT573PW
7AHCT573PW DH
20
TSSOP
plastic
SOT360-1
PIN
SYMBOL
DESCRIPTION
1
OE
3-state output enable input (active LOW)
2to9
D0 to D7
data inputs
10
GND
ground (0 V)
11
LE
latch enable input (active HIGH)
12 to 19
Q7 to Q0
3-state latch outputs
20
VCC
DC supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com