Electronic Components Datasheet Search
  English  ▼

X  

CSD95411 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD95411
Description  CSD95411 Synchronous Buck NexFET™ Smart Power Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95411 Datasheet(HTML) 1 Page - Texas Instruments

  CSD95411 Datasheet HTML 1Page - Texas Instruments CSD95411 Datasheet HTML 2Page - Texas Instruments CSD95411 Datasheet HTML 3Page - Texas Instruments CSD95411 Datasheet HTML 4Page - Texas Instruments CSD95411 Datasheet HTML 5Page - Texas Instruments CSD95411 Datasheet HTML 6Page - Texas Instruments CSD95411 Datasheet HTML 7Page - Texas Instruments CSD95411 Datasheet HTML 8Page - Texas Instruments CSD95411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
1 Features
• Peak continuous current: 65-A
• Peak efficiency (fSW = 600 kHz, LOUT = 150 nH):
Over 94%
• High-frequency operation: up to 1.75 MHz
• Diode emulation function
• Temperature compensated bi-directional current
sense
• Analog temperature output
• Fault monitoring
• 3.3-V and 5-V PWM signal compatible
• Tri-state PWM input
• Integrated bootstrap switch
• Optimized dead time for shoot-through protection
• High-density Industry Common QFN 5-mm × 6-
mm Footprint
• Ultra-low-inductance package
• System optimized PCB footprint
• Thermally enhanced topside cooling
• RoHS compliant, lead-free terminal plating
• Halogen free
2 Applications
• Multiphase Synchronous Buck Converters
• – High-Frequency Applications
• – High-Current, Low-Duty Cycle Applications
• POL DC-DC Converters
• Memory and Graphic Cards
• Desktop and Server VR12.x / VR13.x / VR14.x V-
Core Synchronous Buck Converters
3 Description
The CSD95411 NexFET™ power stage is a highly
optimized design for use with a high-power, high-
density synchronous buck converter. This device
integrates the driver IC and power MOSFETs to
complete the power stage switching function. This
combination produces high-current, high-efficiency,
and high-speed switching capability in a small 5-
mm × 6-mm outline package. The power stage
also integrates the accurate current sensing and
temperature sensing functionality to simplify system
design and improve accuracy. The optimized PCB
footprint helps reduce design time and simplify the
completion of the overall system design.
Device Information
DEVICE
MEDIA
QTY
PACKAGE(1)
SHIP
CSD95411RRB
13-Inch Reel
2500
QFN
5.00-mm × 6.00-mm
Tape
and
Reel
CSD95411RRBT
7-Inch Reel
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Controller
PWM1
CSD95411
PMBus
CSP1
PWM2
CSD95411
CSP2
CSD95411
PWMx
CSPx
Simplified Application
CSD95411
SLPS751 – JANUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD95411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95411 TI2-CSD95411 Datasheet
484Kb / 9P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95411RRB TI2-CSD95411RRB Datasheet
484Kb / 9P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95411RRB.B TI2-CSD95411RRB.B Datasheet
484Kb / 9P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95411RRBT TI2-CSD95411RRBT Datasheet
484Kb / 9P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95411RRBT.B TI2-CSD95411RRBT.B Datasheet
484Kb / 9P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results

Similar Description - CSD95411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com