Electronic Components Datasheet Search
  English  ▼

X  

CSD95411 Datasheet(PDF) 12 Page - Texas Instruments

Part # CSD95411
Description  CSD95411 Synchronous Buck NexFET™ Smart Power Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95411 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD95411 Datasheet HTML 7Page - Texas Instruments CSD95411 Datasheet HTML 8Page - Texas Instruments CSD95411 Datasheet HTML 9Page - Texas Instruments CSD95411 Datasheet HTML 10Page - Texas Instruments CSD95411 Datasheet HTML 11Page - Texas Instruments CSD95411 Datasheet HTML 12Page - Texas Instruments CSD95411 Datasheet HTML 13Page - Texas Instruments CSD95411 Datasheet HTML 14Page - Texas Instruments CSD95411 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
6.5 Recommended Stencil Opening
www.ti.com
EXAMPLE STENCIL DESIGN
.000 PKG
0
(
)
2.9
(
)
1.175
(
)
0.305
(
)
1.375
(
)
2.245
29X (0.6)
16X (0.25)
14X (0.45)
3X (
)
0.13
3X (
)
1.05
3X (
)
1.25
4X (
)
2.17
(
)
2.6
(
) TYP
3.2
(
) TYP
2.75
(
)
0.375
(
)
0.25
(
)
0.025
(
)
0.1
(
)
0.4
(
)
0.84
(
)
1.05
10X (0.25)
19X (0.45)
23X (0.25)
(R0.05) TYP
(R0.05) TYP
VQFN-CLIP - 1.05 mm max height
RRB0041A
PLASTIC QUAD FLATPACK - NO LEAD
4224073/A 03/2018
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PAST EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
PADS 7-9 & 20-24: 70%
PAD 40: 70%
SCALE: 20X
EXPOSED METAL
TYP
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
EDGE
TYP
EXPOSED METAL
TYP
1
6
9
10
19
20
29
24
25
30
39
40
41
7
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
CSD95411
SLPS751 – JANUARY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CSD95411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com