Electronic Components Datasheet Search
  English  ▼

X  

LTR100LEZPFSR047 Datasheet(PDF) 1 Page - Rohm

Part # LTR100LEZPFSR047
Description  High Power Thick Film Shunt Resistors / Wide terminal type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR100LEZPFSR047 Datasheet(HTML) 1 Page - Rohm

  LTR100LEZPFSR047 Datasheet HTML 1Page - Rohm LTR100LEZPFSR047 Datasheet HTML 2Page - Rohm LTR100LEZPFSR047 Datasheet HTML 3Page - Rohm LTR100LEZPFSR047 Datasheet HTML 4Page - Rohm LTR100LEZPFSR047 Datasheet HTML 5Page - Rohm LTR100LEZPFSR047 Datasheet HTML 6Page - Rohm LTR100LEZPFSR047 Datasheet HTML 7Page - Rohm LTR100LEZPFSR047 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.rohm.com
© 2022 ROHM Co., Ltd.All rights reserved.
2022.12 - Rev.017
High Power Thick Film Shunt Resistors
/ Wide terminal type
LTR/LTRL series
1/5
●Features
1) Chip Resistors for current detection : 10mΩ ~
2) High joint reliability with long side terminations.
3) Improvement of rated power enables to displace smaller size of resistors,
and it contributes space savings in your set.
4) ROHM resistors have obtained ISO9001 / IATF16949 certification.
5) Corresponds to AEC-Q200.
●Products list
*Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
●Part Number Description
Rated ambient
Rated terminal
Resistance
Temperature
Operating
Automotive
Temperature
Temperature
tolerance
coefficient
temperature
range
Grade
Available
(mm)
(inch)
(°C)
(°C)
(ppm /°C)
(°C)
(AEC-Q200)
0~150
100m≦R≦180m
(E24 series)
0~100
200m≦R≦910m
(E24 series)
F(±1%)
0~150
33m≦R≦180m
(E24 series)
-55 ~ +155
Yes
J( ±5)%
0~100
200m≦R≦910m
(E24 series)
0~300
10m≦R≦18m
(E24 series)
F(±1%)
0~200
20m≦R≦47m
(E24 series)
J(±5%)
0~150
51m≦R≦470m
(E24 series)
±100
510m≦R≦1.0
(E24 series)
0~300
10m≦R≦18m
(E24 series)
F(±1%)
0~200
20m≦R≦47m
(E24 series)
J(±5%)
0~150
51m≦R≦91m
(E24 series)
±100
100m≦R≦910m
(E24 series)
0~300
10m≦R≦18m
(E24 series)
0~200
20m≦R≦47m
(E24 series)
0~150
51m≦R≦91m
(E24 series)
0~+150
100m≦R≦180m
(E24 series)
0~+100
200m≦R≦910m
(E24 series)
J( ±5%)
±200
100m≦R≦910m
(E24 series)
Yes
LTR10L
1220
0508
1.0
70
125
D(±0.5%)
Part No.
Type code
Rated pow er
(W)
range
Resistance
(Ω)
LTR18
1632
0612
1.5
70
-
F( ±1%)
-55 ~ +155
LTR100L
3264
1225
4.0
70
110
LTR100
3264
1225
2.0
70
Yes
Yes
F( ±1%)
J( ±5%)
-65 ~ +155
LTR50
2550
1020
2.0
70
-
-55 ~ +155
95
Yes
-55 ~ +155
Datasheet
LTR
EZP
F
S
Part No.
Resistance
tolerance
LTR/LTRL
10L
(1220)[0508]
 D (±0.5%)
U
10m
Ω
Resistance code, 3 or 4 digits.
(High power
18
(1632)[0612]
 F (±1%)
S
11m~91m
Ω
Resistance
Resistance
thick film shunt
50
(2550)[1020]
Paper tape
 J (±5%)
L
100m~
910mΩ
tolerance
code
resistors / wide
100L (3264)[1225]
(4mm Pitch)
terminal type)
100
(3264)[1225]
Paper tape
FL, JS
(4mm Pitch)
: 3digit
Embossed tape
(4mm Pitch)
Embossed tape
(4mm Pitch)
Size(mm [inch])
LTR10L
EZP
Part No.
Code
18
Packaging
specif ications
Quantity/
Reel (pcs)
5,000
R047
Nominal resistance
Packaging specifications code
SpecialPart code
LTR100L
LTR100
JZP
4,000
UZP
5,000
: 4digit
DL, FU, FS
LTR50
LTR18
EZP
5,000
JL


Similar Part No. - LTR100LEZPFSR047

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR100L ROHM-LTR100L Datasheet
643Kb / 7P
High power thick film shunt resistors
2021.06
LTR100L ROHM-LTR100L Datasheet
1Mb / 7P
High power thick film shunt resistors
2022.08 - Rev.15
LTR100LJZPFL1R0 ROHM-LTR100LJZPFL1R0 Datasheet
643Kb / 7P
High power thick film shunt resistors
2021.06
LTR100LJZPFS1R0 ROHM-LTR100LJZPFS1R0 Datasheet
643Kb / 7P
High power thick film shunt resistors
2021.06
LTR100LJZPFU1R0 ROHM-LTR100LJZPFU1R0 Datasheet
643Kb / 7P
High power thick film shunt resistors
2021.06
More results

Similar Description - LTR100LEZPFSR047

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
High Power Chip Resistors
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
High Power Chip Resistors
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR13U PANASONIC-ERJ-B1CJR13U Datasheet
94Kb / 3P
High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
High Power Chip Resistors / Wide Terminal Type
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
High Power Chip Resistors / Wide Terminal Type
logo
YAGEO Corporation
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
Thick Film Power Resistors
logo
Rohm
LTR ROHM-LTR Datasheet
643Kb / 7P
High power thick film shunt resistors
2021.06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com