Electronic Components Datasheet Search
  English  ▼

X  

LTR100LEZPFSR047 Datasheet(PDF) 4 Page - Rohm

Part # LTR100LEZPFSR047
Description  High Power Thick Film Shunt Resistors / Wide terminal type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR100LEZPFSR047 Datasheet(HTML) 4 Page - Rohm

  LTR100LEZPFSR047 Datasheet HTML 1Page - Rohm LTR100LEZPFSR047 Datasheet HTML 2Page - Rohm LTR100LEZPFSR047 Datasheet HTML 3Page - Rohm LTR100LEZPFSR047 Datasheet HTML 4Page - Rohm LTR100LEZPFSR047 Datasheet HTML 5Page - Rohm LTR100LEZPFSR047 Datasheet HTML 6Page - Rohm LTR100LEZPFSR047 Datasheet HTML 7Page - Rohm LTR100LEZPFSR047 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTR/LTRL series
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
2022.12 - Rev.017
4/5
●
Characteristics
Compliance Standard(s) : IEC 60115-1 / IEC 60115-8
JIS C 5201-1 / JIS C 5201-8
Table 1. Test condition of endurance at 70°C
LTR10L
Ambient temperature : 70°C
Terminal temperature : 125°C
Rated pow er 1.5h ON, 0.5h OFF
Test time:1,000h
LTR18
Ambient temperature : 70°C
Terminal temperature : 95°C
Rated pow er 1.5h ON, 0.5h OFF
Test time : 1,000h
LTR50
 Ambient temperature : 70°C
 Rated pow er 1.5h ON-0.5h OFF
 Test time : 1,000h
LTR100L
Ambient temperature : 70°C
Terminal temperature : 110°C
Rated pow er 1.5h ON, 0.5h OFF
Test time : 1,000h
LTR100
 Ambient temperature : 70°C
 Rated pow er 1.5h ON-0.5h OFF
 Test time : 1,000h
Part No.
Test condition
20°C
Measuring method : Measuring under termination
by 4 probes.
■LTR10L/18/50 : +25°C/-55°C/+155°C
■LTR100L : +25°C/-65°C/+155°C
■LTR100 : +25°C/-55°C/+125°C
■LTR10L/18/50/100 : ±2.0%
■ LTR10L/100 :
■LTR100L : ±1.0%
Rated voltage(current)×2.5,2s
■LTR18 :Rated voltage(current)×2.0,5s
■LTR50 : Rated pow er × 5.0,5s
■LTR100L : Rated pow er×4.0,5s
Solderability
  A new uniform coating of minimum of
Rosin-ethanol solution(25% mass)
  95% of the surface being immersed
Soldering condition:245±5°C
  and no soldering damage.
Duration of immersion:2.0±0.5s
±1.0%
Soldering condition:260±5°C
No remarkable abnormalityon the appearance.
Duration of immersion:10±1s
Rapid change of temperature
±1.0%
Test temp:-55°C~+125°C
1,000cycles
85°C,85%(Relative humidity)
Test time:1,000h
Endurance at 70°C
■LTR10L/18/100L : ±1.0%
Test condition : see table 1
■LTR50/100 : ±3.0%
■LTR10L/18/100L : ±1.0%
155°C
■LTR50/100 : ±3.0%
Test time: 1,000h
23±5°C, Immersion cleaning, 5±0.5min
Solvent: 2-propanol
Endurance w ith 90mm w idth
Deflection:3mm
Bend strength of
the end face plating
±1.0%
Without mechanical damage such as breaks.
Resistance
See P.1
Endurance
Guaranteed value
Overload
Resistance to
soldering heat
Test items
Variation of resistance
w ith temperature
See P.1
Damp heat, steadystate
±3.0%
Resistance to solvent
±1.0%
Test conditions
Under terminations
probe



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com