Electronic Components Datasheet Search
  English  ▼

X  

LTR100LEZPFSR047 Datasheet(PDF) 3 Page - Rohm

Part # LTR100LEZPFSR047
Description  High Power Thick Film Shunt Resistors / Wide terminal type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR100LEZPFSR047 Datasheet(HTML) 3 Page - Rohm

  LTR100LEZPFSR047 Datasheet HTML 1Page - Rohm LTR100LEZPFSR047 Datasheet HTML 2Page - Rohm LTR100LEZPFSR047 Datasheet HTML 3Page - Rohm LTR100LEZPFSR047 Datasheet HTML 4Page - Rohm LTR100LEZPFSR047 Datasheet HTML 5Page - Rohm LTR100LEZPFSR047 Datasheet HTML 6Page - Rohm LTR100LEZPFSR047 Datasheet HTML 7Page - Rohm LTR100LEZPFSR047 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTR/LTRL series
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
2022.12 - Rev.017
Datasheet
3/5
●
Derating curve
■LTR10L/18/100L
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating
curve below Fig.1.
When the terminal temperature exceeds rated terminal temperature, power dissipation must be adjusted
according to the derating curve below Fig.2.
(The measurement part of terminal temperature is fillet’s surface with load.)
■LTR50/100
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating
curve below Fig.1.
Fig.1 <Ambient temperature>
Fig.2 <Terminal temperature>
*LTR100L -65°C +155°C
* ( ) : Rated terminal temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com