Electronic Components Datasheet Search
  English  ▼

X  

1751202 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1751202
Description  PCB terminal block - SPTA 1,5/ 6-5,08
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751202 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1751202 Datasheet HTML 1Page - PHOENIX CONTACT 1751202 Datasheet HTML 2Page - PHOENIX CONTACT 1751202 Datasheet HTML 3Page - PHOENIX CONTACT 1751202 Datasheet HTML 4Page - PHOENIX CONTACT 1751202 Datasheet HTML 5Page - PHOENIX CONTACT 1751202 Datasheet HTML 6Page - PHOENIX CONTACT 1751202 Datasheet HTML 7Page - PHOENIX CONTACT 1751202 Datasheet HTML 8Page - PHOENIX CONTACT 1751202 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (4 - 8 µm Sn)
Metal surface soldering area (top layer)
Tin (4 - 8 µm Sn)
Material data - housing
Color (Housing)
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Material data – actuating element
Color ()
()
Insulating material
POM
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
HB
Dimensions
Dimensional drawing
Pitch
5.08 mm
Width [w]
30.71 mm
Height [h]
15.4 mm
Length [l]
12 mm
Installed height
12 mm
Solder pin length [P]
3.4 mm
PCB design
Pin spacing
7 mm
Mechanical tests
Connection test
Specification
IEC 60998-2-2:2002-12
Result
Test passed
PCB terminal block - SPTA 1,5/ 6-5,08
1751202
https://www.phoenixcontact.com/us/products/1751202
Jan 3, 2023, 7:24 AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com