Electronic Components Datasheet Search
  English  ▼

X  

1751202 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751202
Description  PCB terminal block - SPTA 1,5/ 6-5,08
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751202 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751202 Datasheet HTML 1Page - PHOENIX CONTACT 1751202 Datasheet HTML 2Page - PHOENIX CONTACT 1751202 Datasheet HTML 3Page - PHOENIX CONTACT 1751202 Datasheet HTML 4Page - PHOENIX CONTACT 1751202 Datasheet HTML 5Page - PHOENIX CONTACT 1751202 Datasheet HTML 6Page - PHOENIX CONTACT 1751202 Datasheet HTML 7Page - PHOENIX CONTACT 1751202 Datasheet HTML 8Page - PHOENIX CONTACT 1751202 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 9 A, rated voltage (III/2): 320 V, nominal cross section: 1.5
mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product range:
SPTA 1,5/, pitch: 5.08 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive use through colour coded actuation lever
•
Angled connection enables multi-row arrangement on the PCB
•
Quick and convenient testing using integrated test option
•
Two solder pins reduce the mechanical strain on the soldering spots
•
Commercial Data
Item number
1751202
Packing unit
1 pc
Minimum order quantity
50 pc
Note
Made to Order (non-returnable)
Sales Key
A01
Product Key
AALBFF
Catalog Page
Page 139 (C-1-2013)
GTIN
4046356318143
Weight per Piece (including packing)
4.762 g
Weight per Piece (excluding packing)
3.92 g
Customs tariff number
85369010
Country of origin
DE
PCB terminal block - SPTA 1,5/ 6-5,08
1751202
https://www.phoenixcontact.com/us/products/1751202
Jan 3, 2023, 7:24 AM
Page 1 (11)


Similar Part No. - 1751202

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751206 PHOENIX-1751206 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/13-3,5
More results

Similar Description - 1751202

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1744442 PHOENIX-1744442 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/ 3-5,08
1751163 PHOENIX-1751163 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 2-5,08
1751189 PHOENIX-1751189 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 4-5,08
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
1751244 PHOENIX-1751244 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/10-5,08
1751257 PHOENIX-1751257 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/11-5,08
1751464 PHOENIX-1751464 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/12-5,08
1751516 PHOENIX-1751516 Datasheet
457Kb / 11P
PCB terminal block - SPTA 1,5/ 6-3,81
Jan 3, 2023
1071206 PHOENIX-1071206 Datasheet
360Kb / 11P
SPTA-THR 1,5/ 6-5,08 R56 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com