Electronic Components Datasheet Search
  English  ▼

X  

1751202 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1751202
Description  PCB terminal block - SPTA 1,5/ 6-5,08
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751202 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1751202 Datasheet HTML 1Page - PHOENIX CONTACT 1751202 Datasheet HTML 2Page - PHOENIX CONTACT 1751202 Datasheet HTML 3Page - PHOENIX CONTACT 1751202 Datasheet HTML 4Page - PHOENIX CONTACT 1751202 Datasheet HTML 5Page - PHOENIX CONTACT 1751202 Datasheet HTML 6Page - PHOENIX CONTACT 1751202 Datasheet HTML 7Page - PHOENIX CONTACT 1751202 Datasheet HTML 8Page - PHOENIX CONTACT 1751202 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Test for conductor damage and slackening
Specification
IEC 60998-2-2:2002-12
Result
Test passed
Pull-out test
Specification
IEC 60998-2-2:2002-12
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
1.5 mm² / flexible / > 40 N
Flexion test
Specification
IEC 60998-2-2:2002-12
Result
Test passed
Electrical tests
Temperature-rise test
Specification
IEC 60998-2-1:2002-12
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Insulation resistance
Specification
IEC 60998-1:2002-12
Insulation resistance, neighboring positions
109 Ω
Air clearances and creepage distances |
Specification
IEC 60664-1:1992-10 + A1:2000-02 + A2:2002-05
Insulating material group
I
Comparative tracking index (IEC 60112)
CTI 600
Rated insulation voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.2 mm
Rated insulation voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
minimum clearance value - non-homogenous field (III/2)
3 mm
minimum creepage distance (III/2)
1.6 mm
Rated insulation voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
minimum clearance value - non-homogenous field (II/2)
3 mm
minimum creepage distance (II/2)
3.2 mm
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
PCB terminal block - SPTA 1,5/ 6-5,08
1751202
https://www.phoenixcontact.com/us/products/1751202
Jan 3, 2023, 7:24 AM
Page 4 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com