Electronic Components Datasheet Search
  English  ▼

X  

ADF4219LBRU Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4219LBRU
Description  Dual Low Power Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4219LBRU Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4219LBRU Datasheet HTML 9Page - Analog Devices ADF4219LBRU Datasheet HTML 10Page - Analog Devices ADF4219LBRU Datasheet HTML 11Page - Analog Devices ADF4219LBRU Datasheet HTML 12Page - Analog Devices ADF4219LBRU Datasheet HTML 13Page - Analog Devices ADF4219LBRU Datasheet HTML 14Page - Analog Devices ADF4219LBRU Datasheet HTML 15Page - Analog Devices ADF4219LBRU Datasheet HTML 16Page - Analog Devices ADF4219LBRU Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. C
ADF4217L/ADF4218L/ADF4219L
–13–
Table IV. ADF4217L/ADF4218L/ADF4219L IF Reference Counter Latch Map
14-BIT REFERENCE COUNTER, R
CONTROL
BITS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
DB21
C1 (0)
C2 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
P1
P5
P2
P3
P4
IF REFERENCE COUNTER LATCH
0
1
NEGATIVE
POSITIVE
P1
PD POLARITY
0
1
1.0mA
4.0mA
P5
ICP
0
1
NORMAL
THREE-STATE
P2
CHARGE PUMP
OUTPUT
0
0
0
0
0
0
1
1
1
1
1
1
0
0
X
X
1
1
X
X
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
1
0
1
0
1
0
1
0
1
0
1
LOGIC LOW STATE
IF ANALOG LOCK DETECT
IF REFERENCE DIVIDER OUTPUT
IF N DIVIDER OUTPUT
RF ANALOG LOCK DETECT
RF/IF ANALOG LOCK DETECT
RF REFERENCE DIVIDER
RF N DIVIDER
FAST LOCK OUTPUT SWITCH ON
AND CONNECTED TO MUXOUT
IF COUNTER RESET
RF COUNTER RESET
IF AND RF COUNTER RESET
P12
P11
P4
P3
MUXOUT
FROM RF R LATCH
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
0
1
1
0
.
.
.
0
0
1
1
.
1
1
2
3
4
.
.
.
16380
16381
16382
16383
.
32767
R14
R13
R12
..........
R3
R2
R1
DIVIDE RATIO
R15
1
0
1
0
.
.
.
0
1
0
1
.
1
0
0
0
1
.
.
.
1
1
1
1
.
1
0
0
0
0
.
.
.
1
1
1
1
.
1
0
0
0
0
.
.
.
1
1
1
1
.
1
0
0
0
0
.
.
.
1
1
1
1
.
1
0
0
0
0
.
.
.
0
0
0
0
.
1
R15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com