Electronic Components Datasheet Search
  English  ▼

X  

LTC3113 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3113
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3113 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3113 Datasheet HTML 2Page - Analog Devices LTC3113 Datasheet HTML 3Page - Analog Devices LTC3113 Datasheet HTML 4Page - Analog Devices LTC3113 Datasheet HTML 5Page - Analog Devices LTC3113 Datasheet HTML 6Page - Analog Devices LTC3113 Datasheet HTML 7Page - Analog Devices LTC3113 Datasheet HTML 8Page - Analog Devices LTC3113 Datasheet HTML 9Page - Analog Devices LTC3113 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT3154
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Voltage vs Temperature
Maximum Load Current in PWM
Mode vs VIN
Output Voltage vs ILOAD
(TA = 25°C, VIN = 3.6, VOUT = 3.3V unless otherwise specified)
Normalized N-/P-Channel Switch
Resistance vs Temperature
Normalized N-/P-Channel Switch
Resistance vs VGATE
Peak, Average, Zero and Reverse
Limits vs Temperature
Burst to PWM Mode Thresholds
vs VIN and VOUT
VGATE (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
45
50
3154 G10
NMOS
PMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
5
10
15
20
25
30
3154 G11
NMOS
PMOS
(VGATE = 5V)
VIN (V)
1.8 2.2 2.6 3 3.4 3.8 4.2 4.6
5.4
5.0
5.8
1
2
3
4
5
6
3154 G14
1.8VOUT
3.3VOUT
5.0VOUT
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–2
0
2
4
6
8
10
12
3154 G16
IPEAK
IAVERAGE
IZERO
IREVERSE
VIN (V)
1.8 2.2 2.6 3 3.4 3.8 4.2 4.6 5.0 5.4 5.8
200
300
400
500
600
700
3154 G13
1.8VOUT
3.3VOUT
5.0VOUT
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3681 G15
VIN = 5V
TEMPETATURE (°C)
–75 –50 –25 0 25 50 75 100 125 150 175
0.970
0.980
0.975
0.985
0.995
1.005
0.990
1.000
1.010
3154 G12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com