Electronic Components Datasheet Search
  English  ▼

X  

LTC3113 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC3113
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3113 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC3113 Datasheet HTML 22Page - Analog Devices LTC3113 Datasheet HTML 23Page - Analog Devices LTC3113 Datasheet HTML 24Page - Analog Devices LTC3113 Datasheet HTML 25Page - Analog Devices LTC3113 Datasheet HTML 26Page - Analog Devices LTC3113 Datasheet HTML 27Page - Analog Devices LTC3113 Datasheet HTML 28Page - Analog Devices LTC3113 Datasheet HTML 29Page - Analog Devices LTC3113 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LT3154
26
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Efficiency vs VIN and Load at 2.2MHz
VIN Step 2V to 5V at 0.5A
PWM Mode
Load Transient Burst Mode
3.6VIN, 150mA to 1.5A
Wide VIN to 5.0V with Minimal External Components
LOAD CURRENT (A)
0.0001
40
60
10
3154 TA03b
20
0
0.001
0.01
0.1
1
100
30
50
10
70
80
90
PWM
BURST
1.8VIN
2.5VIN
3.6VIN
5.0VIN
VOUT
5.0V
VIN
1.8V TO 5.5V
BURST
3154 TA03a
PWM
22µF
100µF
1nF
60.4k
100k
402k
0.68µH
RT
LT3154
SS
EN/UVLO
GND
SW1
SW2
PGND
SYNC/MODE
PVOUT
VOUT
VC
FB
PVIN
VIN
200 s/DIV
3154 TA03c
INDUCTOR CURRENT
2A/DIV
VIN
2V/DIV
VOUT
0.5V/DIV
200 s/DIV
3154 TA03d
INDUCTOR CURRENT
2A/DIV
LOAD CURRENT
2A/DIV
VOUT
0.5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com