Electronic Components Datasheet Search
  English  ▼

X  

ADP2503 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2503
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2503 Datasheet HTML 5Page - Analog Devices ADP2503 Datasheet HTML 6Page - Analog Devices ADP2503 Datasheet HTML 7Page - Analog Devices ADP2503 Datasheet HTML 8Page - Analog Devices ADP2503 Datasheet HTML 9Page - Analog Devices ADP2503 Datasheet HTML 10Page - Analog Devices ADP2503 Datasheet HTML 11Page - Analog Devices ADP2503 Datasheet HTML 12Page - Analog Devices ADP2503 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT3154
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PVIN (Pins 1, 2): Power Input for Buck‑Boost Converter.
Connect a minimum 22μF low ESR capacitor to PGND
as close to the device as possible. This pin must be con‑
nected to VIN in application.
VIN (Pin 3): Signal Input Voltage. Decouple with minimum
1µF capacitor. Low noise input for control circuitry.
EN/UVLO (Pin 4): Input to Enable the IC. Connect EN/
UVLO to VIN to enable the LT3154 at the 1.8V minimum
operating voltage. Connect to an external divider from
VIN to provide a programmable accurate VIN undervolt‑
age threshold:
V(TURNON) =1.2V 1+
R1
R2
⎛
⎝
⎜
⎞
⎠
⎟
The accurate EN/UVLO pin threshold has 100mV of hys‑
teresis provided internally:
V(TURNOFF) =1.1V 1+
R1
R2
⎛
⎝
⎜
⎞
⎠
⎟
An external capacitor is recommended if EN/UVLO
is digitally controlled (see Note 7 in the Electrical
Characteristics section).
SYNC/MODE (Pin 5): Burst Mode operation Select and
Oscillator Synchronization. Do not leave this pin floating.
SYNC/MODE = High (VIN). Disable Burst Mode
Operation and maintain low noise, constant frequency
PWM operation.
SYNC/MODE = Low (GND). The converter operates in
Automatic Burst Mode operation.
SYNC/MODE = External CLK. The internal oscillator is syn‑
chronized to the external CLK signal, Burst Mode opera‑
tion is disabled. A clock pulse width between 75ns and
T period –75ns is required to synchronize the oscillator.
An external resistor must be connected between RT and
GND to program the oscillator 25% to 50% below the
desired synchronization frequency.
RT (Pin 6): Oscillator Frequency Programming Input.
Connect to VIN for 2.2MHz fixed frequency operation.
Connect an external resistor from RT to GND to program
the switching frequency according to the formula:
RT (kΩ)=
110
fSW (MHz)
GND (Pin 7): Signal Ground. Low noise ground for
control circuits.
SS (Pin 8): External Soft Start. Connect to VIN for 2.2ms
default soft‑start period. Connect an external capacitor to
set soft start period according to the formula:
tSS (ms) = 0.8 × CSS (nF)
FB (Pin 9): Feedback Input to Error Amplifier. The resistor
divider connected to this pin sets the converter output voltage.
VOUT = 0.99V 1+
R3
R4
⎛
⎝⎜
⎞
⎠⎟
VC (Pin 10): Voltage error amplifier VC is used to program
average inductor current. An R‑C from this pin to ground
sets the voltage loop compensation.
VOUT (Pin 11): Signal Output Voltage. Decouple with
minimum 1µF capacitor. Low noise input for VOUT con‑
trol circuitry.
PVOUT (Pin 12): Power Output for Buck‑Boost Converter.
Connect a minimum 68μF (see Table 3 low ESR capacitor to
PGND as close to the device as possible. Capacitor value may
change depending on VOUT voltage and load current require‑
ments. This pin must be connected to VOUT in application.
SW2 (Pin 13): Buck‑Boost Converter Switch Pin. Connect
inductor between SW1 and SW2 pins.
PGND (Pins 14, 15, 17-Exposed Pad): Power Ground
Connection. These pins and exposed thermal pad must
make full connection to PCB ground plane to meet speci‑
fied thermal requirements. PGND must be connected to
the GND pin in the application.
SW1 (Pin 16): Buck‑Boost Converter Switch Pin. Connect
inductor between SW1 and SW2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com