Electronic Components Datasheet Search
  English  ▼

X  

ADP2503 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2503
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2503 Datasheet HTML 18Page - Analog Devices ADP2503 Datasheet HTML 19Page - Analog Devices ADP2503 Datasheet HTML 20Page - Analog Devices ADP2503 Datasheet HTML 21Page - Analog Devices ADP2503 Datasheet HTML 22Page - Analog Devices ADP2503 Datasheet HTML 23Page - Analog Devices ADP2503 Datasheet HTML 24Page - Analog Devices ADP2503 Datasheet HTML 25Page - Analog Devices ADP2503 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT3154
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
+
–
COUT
VOUT
RLOAD
RESR
VCCS
VOLTAGE
ERROR
AMPLIFIER
gm = 110µA/V
gm VIN > VOUT: 10A/V
VIN > VOUT: (10A/V) • (VIN/VOUT)
3154 F05
FB
VC
0.99V
0.9V
CHF
RC
CC
R4
R3
VEA
+
–
Figure 5. Simplified Representation of
Average Current Mode Control Loop
The outer voltage loop requires external compensation
components, which allows the overall loop characteristics
to be customized depending on the programmed output
voltage, oscillator frequency, inductor value and/or output
capacitance. The average current mode control can be
conceptualized as a voltage‑controlled current source
(VCCS), driving the output load formed primarily by RLOAD
and COUT, as shown in Figure 5.
The Voltage Error Amplifier output (VC), provides a com‑
mand input to the VCCS. The full scale range of VC is 0.7V
(200mV to 900mV). With a full scale command on VC, the
LT3154 buck‑boost converter will generate an average 7A
of inductor current (typical) from the converter making
the transconductance gain 10A/V. As with peak current
mode control, the inner average current control loop
effectively turns the inductor into a current source over
the frequency range of interest, resulting in a frequency
response from the power stage that exhibits a single pole
(–20dB/decade) roll‑off. The output capacitor (COUT) and
load resistance (RLOAD) form a dominant low frequency
pole, where the effective series resistance of the output
capacitor and its capacitance form a zero, usually at a high
enough frequency to be ignored.
A potentially troublesome Right Half Plane Zero (RHPZ)
is also encountered if the converter is operated in boost
mode.TheRHPZcausesanincreaseingain,likeazero,but
a decrease in phase, like a pole. This can ultimately limit
the maximum converter bandwidth that can be achieved
with the LT3154. The RHPZ is not present when operating
in buck mode.
The overall open loop gain at DC is the product of the
following terms:
Voltage Error Amp Gain:gmVEA •RVEA =
110µs•5MΩ=550V/V(Fixed)
Voltage Divider Gain: VFB
VOUT
=
1V
VOUT
Current Loop Trans−Conductance:
gm =10A/V(Fixed)
LoadResistance (RLOAD)=
VOUT
ILOAD
The application dependent terms that affect the loop gain
include:
Output LoadPole (P1):=
1
(2πRLOAD •COUT)
Right Half Plane Zero (RHPZ):
VIN2 •RLOAD
VOUT2 •2π•L
Voltage Error Amplifier Compensation
(2Poles and1Zero)
The voltage amplifier’s frequency response is designed to
optimize the response for the overall loop. Measurement
of the power stage gain over line, load, component varia‑
tion, and frequency is strongly recommended prior to loop
design. The design parameters for compensation design
will focus on the series resistor and capacitors connected
from VC to GND (RC, CC and CHF). Being a buck‑boost
converter, the target loop crossover frequency for the
compensation design will be dictated by the highest boost
ratio and load current that is expected as this will result in
the lowest RHPZ frequency. The general goal is to set the
crossover frequency and provide sufficient phase boost
using the external compensation network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com