Electronic Components Datasheet Search
  English  ▼

X  

ADP2503 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2503
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2503 Datasheet HTML 7Page - Analog Devices ADP2503 Datasheet HTML 8Page - Analog Devices ADP2503 Datasheet HTML 9Page - Analog Devices ADP2503 Datasheet HTML 10Page - Analog Devices ADP2503 Datasheet HTML 11Page - Analog Devices ADP2503 Datasheet HTML 12Page - Analog Devices ADP2503 Datasheet HTML 13Page - Analog Devices ADP2503 Datasheet HTML 14Page - Analog Devices ADP2503 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LT3154
11
Rev. 0
For more information www.analog.com
QUICK REFERENCE
Thissectionofthedatasheetcontainsequationsforexternal
component selection for the LT3154 where applicable.
VIN UVLO Threshold
The VIN threshold is internally set to a typical value of
1.7V for turn‑on and 1.6V for turn‑off when EN/UVLO
is connected to VIN. The VIN UVLO can be adjusted to a
higher threshold voltage with a resistor network on EN/
UVLO according to the following equations:
V(TURNON) =1.2V 1+
R1
R2
⎛
⎝
⎜
⎞
⎠
⎟
V(TURNOFF) =1.1V 1+
R1
R2
⎛
⎝⎜
⎞
⎠⎟
EN/UVLO
LT3154
R1
R2
VIN
3154 QR01
Output Voltage Programming
The output voltage for the LT3154 is set via a resistor
divider connected at the FB pin:
VOUT = 0.99V 1+
R3
R4
⎛
⎝⎜
⎞
⎠⎟
FB
LT3154
R3
R4
VOUT
3154 QR02
Inmostapplications,choosingR4equalto1Megrepresents
agoodtrade‑offbetweenquiescentcurrentandrobustness
against PCB leakage. The minimum recommended VOUT
setting is 1.8V, the maximum is 5.5V.
Switching Frequency
The buck‑boost converter switching frequency, fSW, is
set by the value of the RT resistor connected between the
RT pin and ground according to the following equation.
Connecting the RT pin to VIN will set a default frequency
of 2.2MHz.
fSW(MHz)=
110
RT
(kΩ)
RT
RT
PROGRAMMABLE
FREQUENCY
DEFAULT 2.2MHz
FREQUENCY
VIN
VIN
RT
3154 QR04
Table 1. RT Value for Common Switching Frequencies
fSW
RT
400kHz
274kΩ
500kHz
221kΩ
750kHz
147kΩ
1.0MHz
110kΩ
2.0MHz
54.9kΩ
2.2MHz
Connect to VIN
3.0MHz
36.5kΩ
4.0MHz
27.4kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com