Electronic Components Datasheet Search
  English  ▼

X  

SST39SF040A Datasheet(PDF) 28 Page - Microchip Technology

Part # SST39SF040A
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040A Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST39SF040A Datasheet HTML 21Page - Microchip Technology SST39SF040A Datasheet HTML 22Page - Microchip Technology SST39SF040A Datasheet HTML 23Page - Microchip Technology SST39SF040A Datasheet HTML 24Page - Microchip Technology SST39SF040A Datasheet HTML 25Page - Microchip Technology SST39SF040A Datasheet HTML 26Page - Microchip Technology SST39SF040A Datasheet HTML 27Page - Microchip Technology SST39SF040A Datasheet HTML 28Page - Microchip Technology SST39SF040A Datasheet HTML 29Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
©2002-2016
DS20005022C
04/16
28
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Table 13: Revision History
Revision
Description
Date
02
2002 Data Book
May 2002
03
Changes to Table 7 on page 12
Added footnote for MPF power usage and Typical conditions
Clarified the Test Conditions for Power Supply Current and Read
parameters
Clarified IDD Write to be Program and Erase
Mar 2003
04
Document status changed from “Preliminary Specification” to “Data
Sheet”
Changed IDD Program and Erase max values from 25 to 35 in Table 7
on page 12
Oct 2003
05
2004 Data Book
Added non-Pb MPNs and removed footnote (See page 24)
Nov 2003
06
Corrected Revision History for Version 04:
IDD max value was incorrectly stated as 30 mA instead of 35 mA
Aug 2004
07
Removed leaded parts from valid combinations. See PSN-D0PB0001
Mar 2009
08
Changed endurance from 10,000 to 100,000 in Product Description,
page 1
Sep 2009
09
End of Life for all 45 ns valid combinations. See S71147(02).
Added replacement 55 ns valid combinations
Jan 2010
A
All 45 ns parts reinstated.
Applied new document format
Released document under letter revision system
Updated spec number from S71147 to DS25022
Jul 2011
B
End of Life for all 45 ns valid combinations.
Updated Table 6 and Table 11
Apr 2013
C
Corrected typo in “Product Ordering Information” on page 23.
Apr 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com