Electronic Components Datasheet Search
  English  ▼

X  

SST39SF040A Datasheet(PDF) 12 Page - Microchip Technology

Part # SST39SF040A
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040A Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST39SF040A Datasheet HTML 8Page - Microchip Technology SST39SF040A Datasheet HTML 9Page - Microchip Technology SST39SF040A Datasheet HTML 10Page - Microchip Technology SST39SF040A Datasheet HTML 11Page - Microchip Technology SST39SF040A Datasheet HTML 12Page - Microchip Technology SST39SF040A Datasheet HTML 13Page - Microchip Technology SST39SF040A Datasheet HTML 14Page - Microchip Technology SST39SF040A Datasheet HTML 15Page - Microchip Technology SST39SF040A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
©2002-2016
DS20005022C
04/16
12
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Table 7: DC Operating Characteristics VDD = 4.5-5.5V1
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT, at f=1/TRC Min
VDD=VDD Max
Read2
25
mA
CE#=VIL, OE#=WE#=VIH, all I/Os open
Program and Erase
35
mA
CE#=WE#=VIL, OE#=VIH
ISB1
Standby VDD Current
(TTL input)
3mA
CE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current
(CMOS input)
100
µA
CE#=VIHC, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=2.1 mA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-400 µA, VDD=VDD Min
T7.10 25022
1. Typical conditions for the Active Current shown on the front data sheet page are average values at 25°C
(room temperature), and VDD = 5V for SF devices. Not 100% tested.
2. Values are for 70 ns conditions. See the Multi-Purpose Flash Power Rating application note for further information.
Table 8: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T8.1 25022
Table 9: Capacitance (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T9.0 25022
Table 10: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would
result in a higher minimum specification.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T10.2 25022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com