Electronic Components Datasheet Search
  English  ▼

X  

SST39SF040A Datasheet(PDF) 1 Page - Microchip Technology

Part # SST39SF040A
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040A Datasheet(HTML) 1 Page - Microchip Technology

  SST39SF040A Datasheet HTML 1Page - Microchip Technology SST39SF040A Datasheet HTML 2Page - Microchip Technology SST39SF040A Datasheet HTML 3Page - Microchip Technology SST39SF040A Datasheet HTML 4Page - Microchip Technology SST39SF040A Datasheet HTML 5Page - Microchip Technology SST39SF040A Datasheet HTML 6Page - Microchip Technology SST39SF040A Datasheet HTML 7Page - Microchip Technology SST39SF040A Datasheet HTML 8Page - Microchip Technology SST39SF040A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
©2002-2016
DS20005022C
04/16
Data Sheet
www.microchip.com
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Features
• Organized as 128K x8 / 256K x8 / 512K x8
• Single 4.5-5.5V Read and Write Operations
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption
(typical values at 14 MHz)
– Active Current: 10 mA (typical)
– Standby Current: 30 µA (typical)
• Sector-Erase Capability
– Uniform 4 KByte sectors
• Fast Read Access Time:
– 55 ns
– 70 ns
• Latched Address and Data
• Automatic Write Timing
– Internal VPP Generation
• Fast Erase and Byte-Program
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
2 seconds (typical) for SST39SF010A
4 seconds (typical) for SST39SF020A
8 seconds (typical) for SST39SF040
• End-of-Write Detection
– Toggle Bit
– Data# Polling
• TTL I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
– 32-pin PDIP
• All devices are RoHS compliant
The SST39SF010A / SST39SF020A / SST39SF040 are CMOS Multi-Purpose
Flash (MPF) devices manufactured with SST proprietary, high performance
CMOS SuperFlash technology. The split-gate cell design and thick oxide tunnel-
ing injector attain better reliability and manufacturability compared with alternate
approaches. The SST39SF010A / SST39SF020A / SST39SF040 write (Program
or Erase) with a 4.5-5.5V power supply, and conforms to JEDEC standard pinouts
for x8 memories


Similar Part No. - SST39SF040A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF040 SST-SST39SF040 Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF040 SST-SST39SF040 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF040 MICROCHIP-SST39SF040 Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39SF040 MICROCHIP-SST39SF040 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
logo
Silicon Storage Technol...
SST39SF040-45-4C-NH SST-SST39SF040-45-4C-NH Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39SF040A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com