Electronic Components Datasheet Search
  English  ▼

X  

AP2120 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2120 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2120 Datasheet HTML 2Page - Diodes Incorporated AP2120 Datasheet HTML 3Page - Diodes Incorporated AP2120 Datasheet HTML 4Page - Diodes Incorporated AP2120 Datasheet HTML 5Page - Diodes Incorporated AP2120 Datasheet HTML 6Page - Diodes Incorporated AP2120 Datasheet HTML 7Page - Diodes Incorporated AP2120 Datasheet HTML 8Page - Diodes Incorporated AP2120 Datasheet HTML 9Page - Diodes Incorporated AP2120 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AP2120
Document number: DS41206 Rev. 5 - 2
6 of 19
www.diodes.com
March 2021
© Diodes Incorporated
AP2120
Electrical Characteristics – AP2120-1.5
(@ VIN = 2.5V, TJ = +25
°C, CIN = 1µF, COUT = 1µF, Bold typeface applies over -40°C ≤ TJ ≤ +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = 2.5V
1mA ≤ IOUT ≤ 30mA
1.47
1.5
1.53
V
VIN
Input Voltage
—
—
—
6
V
IOUT
Output Current
VIN-VOUT = 1V
150
—
—
mA
VRLOAD
Load Regulation
VIN = 2.5V
1mA ≤ IOUT ≤ 80mA
—
12
40
mV
VRLINE
Line Regulation
2.3V ≤ VIN ≤ 6V
IOUT = 30mA
—
4
16
mV
VDROP
Dropout Voltage
IOUT = 10mA
—
400
600
mV
IOUT = 100mA
—
400
600
IOUT = 150mA
—
400
600
IOUT = 200mA
—
400
600
IQ
Quiescent Current
VIN = 2.5V, IOUT = 0mA
—
25
50
µA
PSRR
Power Supply Rejection Ratio
Ripple 0.5Vp-p, f = 1kHz
VIN = 2.5V
—
65
—
dB
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA
—
±150
—
µV/
°C
(∆VOUT/VOUT)/∆T
—
±100
—
ppm/
°C
ILIMIT
Short Current Limit
VOUT = 0V
—
50
—
mA
VNOISE
RMS Output Noise
TA = +25
°C, IOUT = 0
10Hz ≤ f ≤ 100kHz
—
15
—
µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com