Electronic Components Datasheet Search
  English  ▼

X  

AP2120 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2120 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2120 Datasheet HTML 11Page - Diodes Incorporated AP2120 Datasheet HTML 12Page - Diodes Incorporated AP2120 Datasheet HTML 13Page - Diodes Incorporated AP2120 Datasheet HTML 14Page - Diodes Incorporated AP2120 Datasheet HTML 15Page - Diodes Incorporated AP2120 Datasheet HTML 16Page - Diodes Incorporated AP2120 Datasheet HTML 17Page - Diodes Incorporated AP2120 Datasheet HTML 18Page - Diodes Incorporated AP2120 Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AP2120
Document number: DS41206 Rev. 5 - 2
15 of 19
www.diodes.com
March 2021
© Diodes Incorporated
AP2120
Performance Characteristics (continued)
Dropout Voltage vs. Case Temperature
Load Transient (IOUT=0 to 150mA)
Line Transient (Condition: VIN=2.5V to 3.5V, IOUT=10mA)
PSRR vs. Frequency
Start-up
-40
-20
0
20
40
60
80
0
50
100
150
200
250
300
350
400
450
Case Temperature (oC)
AP2120-2.5
I
OUT=10mA
I
OUT=80mA
I
OUT=150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com