Electronic Components Datasheet Search
  English  ▼

X  

AP2120 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2120 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2120 Datasheet HTML 1Page - Diodes Incorporated AP2120 Datasheet HTML 2Page - Diodes Incorporated AP2120 Datasheet HTML 3Page - Diodes Incorporated AP2120 Datasheet HTML 4Page - Diodes Incorporated AP2120 Datasheet HTML 5Page - Diodes Incorporated AP2120 Datasheet HTML 6Page - Diodes Incorporated AP2120 Datasheet HTML 7Page - Diodes Incorporated AP2120 Datasheet HTML 8Page - Diodes Incorporated AP2120 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AP2120
Document number: DS41206 Rev. 5 - 2
1 of 19
www.diodes.com
March 2021
© Diodes Incorporated
AP2120
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Description
The AP2120 series are positive voltage regulator ICs fabricated by
CMOS process. Each of these ICs consists of a voltage reference, an
error amplifier, a resistor network for setting output voltage, and a
current limit circuit for current protection.
The AP2120 series feature high supply voltage ripple rejection, low
dropout voltage, low noise, high output voltage accuracy, and low
current consumption which make them ideal for use in various
battery-powered devices.
The AP2120 series have 1.2V, 1.3V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V,
3.2V, 3.3V, 3.6V, 4.0V and 5.0V versions.
The AP2120 are available in standard SOT-23 packages.
Features
•
Low Dropout Voltage at IOUT = 100mA: 200mV Typical (Except
1.2V, 1.3V and 1.5V Versions)
•
Low Quiescent Current: 25µA Typical
•
High Ripple Rejection: 65dB Typical (f = 1kHz)
•
Output Current: More Than 150mA (250mA Limit)
•
Extremely Low Noise: 15µVrms@VOUT = 1.2V, 1.3V, 1.5V (10Hz
to 100kHz)
•
Excellent Line Regulation: 4mV Typical
•
Excellent Load Regulation: 12mV Typical
•
High Output Voltage Accuracy: ±2%
•
Excellent Line Transient Response and Load Transient
Response
•
Compatible with Low ESR Ceramic Capacitor (as Low as 1µF)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Mate Tin Plated Leads, Solderable per MIL-
STD-202, Method 208
•
Weight: 0.009 grams (Approximate)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
VOUT
VIN
GND
3
2
1
SOT-23 (N Package)
Applications
•
Mobile Phones, Cordless Phones
•
Wireless Communication Equipment
•
Portable Games
•
Cameras, Video Recorders
•
Sub-Board Power Supplies for Telecom Equipment
•
Battery Powered Equipment
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP2120

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.2TRG1 BCDSEMI-AP2120N-1.2TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.3TRG1 BCDSEMI-AP2120N-1.3TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.5TRG1 BCDSEMI-AP2120N-1.5TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120N-1.8TRG1 BCDSEMI-AP2120N-1.8TRG1 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
More results

Similar Description - AP2120

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com