Electronic Components Datasheet Search
  English  ▼

X  

DS1963L Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1963L
Description  4k-BIT MONETARY iButton
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963L Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1963L Datasheet HTML 10Page - Dallas Semiconductor DS1963L Datasheet HTML 11Page - Dallas Semiconductor DS1963L Datasheet HTML 12Page - Dallas Semiconductor DS1963L Datasheet HTML 13Page - Dallas Semiconductor DS1963L Datasheet HTML 14Page - Dallas Semiconductor DS1963L Datasheet HTML 15Page - Dallas Semiconductor DS1963L Datasheet HTML 16Page - Dallas Semiconductor DS1963L Datasheet HTML 17Page - Dallas Semiconductor DS1963L Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DS1963L
14 of 24
HARDWARE CONFIGURATION Figure 8
1-WIRE BUS SYSTEM
The 1-Wire bus is a system which has a single bus master and one or more slaves. In all instances the
DS1963L is a slave device. The bus master is typically a microcontroller. The discussion of this bus
system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire
signaling (signal types and timing). A 1-Wire protocol defines bus transactions in terms of the bus state
during specific time slots that are initiated on the falling edge of sync pulses from the bus master. For a
more detailed protocol description, refer to Chapter 4 of the Book of DS19xx iButton Standards.
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open
drain or 3-state outputs. The 1-Wire port of the DS1963L is open drain with an internal circuit equivalent
to that shown in Figure 8. A multidrop bus consists of a 1-Wire bus with multiple slaves attached. At
regular speed the 1-Wire bus has a maximum data rate of 16.3 kbits per second. The speed can be
boosted to 142 kbits per second by activating the Overdrive mode. The 1-Wire bus requires a pullup
resistor of approximately 5 k
Ω.
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus
MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low
for more than 16
µs (Overdrive speed) or more than 120 µs (regular speed), one or more devices on the
bus may be reset.
TRANSACTION SEQUENCE
The protocol for accessing the DS1963L via the 1-Wire port is as follows:
§ Initialization
§ ROM Function Command
§ Memory Function Command
§ Transaction/Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com