Electronic Components Datasheet Search
  English  ▼

X  

DS1963L Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1963L
Description  4k-BIT MONETARY iButton
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963L Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1963L Datasheet HTML 12Page - Dallas Semiconductor DS1963L Datasheet HTML 13Page - Dallas Semiconductor DS1963L Datasheet HTML 14Page - Dallas Semiconductor DS1963L Datasheet HTML 15Page - Dallas Semiconductor DS1963L Datasheet HTML 16Page - Dallas Semiconductor DS1963L Datasheet HTML 17Page - Dallas Semiconductor DS1963L Datasheet HTML 18Page - Dallas Semiconductor DS1963L Datasheet HTML 19Page - Dallas Semiconductor DS1963L Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DS1963L
16 of 24
When issued on a multidrop bus this command will set all Overdrive-supporting devices into Overdrive
mode. To subsequently address a specific Overdrive-supporting device, a reset pulse at Overdrive speed
has to be issued followed by a Match ROM or Search ROM command sequence. This will speed up the
time for the search process. If more than one slave supporting Overdrive is present on the bus and the
Overdrive Skip ROM command is followed by a read command, data collision will occur on the bus as
multiple slaves transmit simultaneously (open drain pulldowns will produce a wired-AND result).
Overdrive Match ROM [69H]
The Overdrive Match ROM command, followed by a 64-bit ROM sequence transmitted at Overdrive
speed, allows the bus master to address a specific DS1963L on a multidrop bus and to simultaneously set
it in Overdrive Mode. Only the DS1963L that exactly matches the 64-bit ROM sequence will respond to
the subsequent memory function command. Slaves already in Overdrive mode from a previous Overdrive
Skip or Match command will remain in Overdrive mode. All other slaves that do not match the 64-bit
ROM sequence or do not support Overdrive will return to or remain at regular speed and wait for a reset
pulse of minimum 480
µs duration. The Overdrive Match ROM command can be used with a single or
multiple devices on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com