Electronic Components Datasheet Search
  English  ▼

X  

DS1963L Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS1963L
Description  4k-BIT MONETARY iButton
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963L Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS1963L Datasheet HTML 16Page - Dallas Semiconductor DS1963L Datasheet HTML 17Page - Dallas Semiconductor DS1963L Datasheet HTML 18Page - Dallas Semiconductor DS1963L Datasheet HTML 19Page - Dallas Semiconductor DS1963L Datasheet HTML 20Page - Dallas Semiconductor DS1963L Datasheet HTML 21Page - Dallas Semiconductor DS1963L Datasheet HTML 22Page - Dallas Semiconductor DS1963L Datasheet HTML 23Page - Dallas Semiconductor DS1963L Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
DS1963L
24 of 24
AC ELECTRICAL CHARACTERISTICS OVERDRIVE SPEED
(VPUP=2.8V to 6.0V; -40°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
6
16
µs
Write 1 Low Time
tLOW1
1
2
µs
Write 0 Low Time
tLOW0
6
16
µs
Read Low Time
tLOWR
1
2
µs
Read Data Valid
tRDV
exactly 2
µs
Release Time
tRELEASE
0
1.5
4
µs
Read Data Setup
tSU
1
µs
5
Recovery Time
tREC
1
µs
Reset Time High
tRSTH
48
µs
4
Reset Time Low
tRSTL
48
80
µs
Presence Detect High
tPDH
2
6
µs
Presence Detect Low
tPDL
8
24
µs
NOTES:
1. All voltages are referenced to ground.
2. VPUP = external pullup voltage.
3. Input load is to ground.
4. An additional reset or communication sequence cannot begin until the reset high time has expired.
5. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1
µs of this falling edge.
6. Capacitance on the data pin could be 800 pF when power is first applied. If a 5 k
Ω resistor is used to
pull up the data line to VPUP, 5
µs after power has been applied the parasite capacitance will not affect
normal communications.
7. The reset low time (tRSTL) should be restricted to a maximum of 960
µs, to allow interrupt signaling,
otherwise, it could mask or conceal interrupt pulses.
8. VIH is a function of the external pullup resistor and VPUP.
9. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always
guarantee a presence pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com