Electronic Components Datasheet Search
  English  ▼

X  

C277LAB4100LH2J Datasheet(PDF) 7 Page - Kemet Corporation

Part # C277LAB4100LH2J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100LH2J Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C277LAB4100LH2J Datasheet HTML 2Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 3Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 4Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 5Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 6Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 7Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 8Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 9Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Marking
C27.4
From 1 µF up to 45 µF
Over 45 µF
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.4
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.4
C27.6
From 1 µF up to 55 µF
Over 55 µF
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.6
Capacitance Value
Capacitance Value
(data): Manufacturing Plant, Date Code, Day of Production, Internal Mark
UL810: Applicable if inline with “Marking” from Part Number Table
Capacitor Class
Safety Class
Rated Voltage
based on
UL Standards
Climate Class/
Self-Healing
Dielectric
UL Approvals
MKP C27.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com