Electronic Components Datasheet Search
  English  ▼

X  

C277LAB4100LH2J Datasheet(PDF) 2 Page - Kemet Corporation

Part # C277LAB4100LH2J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100LH2J Datasheet(HTML) 2 Page - Kemet Corporation

  C277LAB4100LH2J Datasheet HTML 1Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 2Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 3Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 4Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 5Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 6Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 7Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 8Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Dimensions – Millimeters
10±0.5
10± 0.5
Single Faston
M
H
13.5 ±0.5
10 ±0.5
2
6.3x0.8
5.5
D
Double Faston
M
M
M
H
13.5 ±0.5
13.4 ±0.5
2
6.3x0.8
5.5
D
Bipolar Cable
H
D
2
8 ±2
6
6
40 ±5
300 ±10
10
Polar Cable
H
D
250 ±10
2.4
8 ±2
D
H
Mounting Stud
(M)
+1/-0
±2
25
56.5
M8 x 10
25
58
M8 x 11
25
55
M8 x 12
25
58.5
M8 x 13
25
57
M8 x 14
30
56.5
M8 x 15
30
55
M8 x 16
30
69.5
M8 x 17
30
58.5
M8 x 18
30
57
M8 x 19
35
56.5
M8 x 20
35
73.5
M8 x 21
35
55
M8 x 22
35
57
M8 x 23
35
71.5
M8 x 24
35
74
M8 x 25
35
94.5
M8 x 26
35
69.5
M8 x 27
35
58.5
M8 x 28
35
95.5
M8 x 29
D
H
Mounting Stud
(M)
+1/-0
±2
40
73.5
M8 x 30
40
71.5
M8 x 31
40
74
M8 x 32
40
94
M8 x 33
40
69.5
M8 x 34
40
95.5
M8 x 35
45
93
M8 x 36
45
74
M8 x 37
45
95.5
M8 x 38
45
94
M8 x 39
45
120
M8 x 40
45
71.5
M8 x 41
50
95
M8 x 42
50
120
M8 x 43
55
120
M8 x 44
55
121
M8 x 45
55
93.5
M8 x 46
Qualification
Reference Standards
IEC 252, EN 60252-1:2011/A1/2013,
IMQ, UL810 (construction only),
approved up to 500 VAC
Vibration Test
IEC 68–2–6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com