Electronic Components Datasheet Search
  English  ▼

X  

C277LAB4100LH2J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C277LAB4100LH2J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100LH2J Datasheet(HTML) 1 Page - Kemet Corporation

  C277LAB4100LH2J Datasheet HTML 1Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 2Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 3Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 4Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 5Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 6Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 7Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 8Page - Kemet Corporation C277LAB4100LH2J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Benefits
• Self-healing
• IMQ and UL810 approved (construction only)
• Rated frequency of 50 Hz and 60 Hz
• High capacitance density
Overview
The C27 capacitor is a polypropylene metallized film
capacitor, with a cylindrical, plastic can-type design
filled with resin. It uses faston and plastic deck, or
cable terminals.
Applications
Typical applications include motor run S0 safety class.
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Part Number System
C27
4
A
C
2
4100
AA
5
J
Series
Marking
Case and
Fixing Bolt
Code
Terminal
Style
Capacitance
Code
(pF)
Packaging
Internal
Use
Tolerance
C27 =
Motor Run
Capacitors
4 = 30,000
hours/420 VAC
(Class A) or
10,000 hours/470
VAC (Class B)
6 = 10,000
hours/420 VAC
(Class B) or 3,000
hours/470 VAC
(Class C)
7 = 10,000
hours/275 VAC
(Class C) or 1,000
hours/425 VAC
(Class D)
C274:
A = Standard
N = UL
Z = Special
C276:
C = Standard
N = UL
Z = Special
C277:
L = Standard
N = UL
Z = Special
A = Without
fixing bolt/flat
bottom
C = Cylindrical
plastic case with
M8 bolt
2 = Single faston
6.3 x 0.8
3 = Double faston
6.3 x 0.8
A = Unipolar
flexible cable
(tinned end)
B = Unipolar
flexible cable
(untinned end)
F = Bipolar cable
(tinned end)
Digits 2 - 4
indicate the
first three
digits of the
capacitance
value.
First digit
indicates the
number of
zeros to be
added.
AA = Faston
terminals standard
AF = Unipolar cable,
L = 250 mm, stripped
8 mm
AL = Unipolar cable,
L = 300 mm, stripped
8 mm,
LF = Bipolar cable
L = 250 mm,
unsheathed 40 mm,
stripped 8mm
LG = Bipolar cable
L = 300mm,
unsheathed 40 mm,
stripped 8 mm
LH = Bipolar cable
L = 350 mm,
unsheathed 40 mm,
stripped 8 mm
0, 1, 2, 5 =
Standard
J = 5%


Similar Part No. - C277LAB4100LH2J

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
C2777-CT150-2-DW1 JAE-C2777-CT150-2-DW1 Datasheet
118Kb / 1P
CT150-2-DW1
C2777-CT150-4-ES5 JAE-C2777-CT150-4-ES5 Datasheet
427Kb / 8P
ES5 Series
More results

Similar Description - C277LAB4100LH2J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C274AC35350AA0J KEMET-C274AC35350AA0J Datasheet
77Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 35 uF, 5%, 470 VAC
C274ACF4250LF0J KEMET-C274ACF4250LF0J Datasheet
58Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 2.5 uF, 5%, 470 VAC
C274ACF4800LF0J KEMET-C274ACF4800LF0J Datasheet
59Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 8 uF, 5%, 470 VAC
C274ACF5200LF0J KEMET-C274ACF5200LF0J Datasheet
58Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 20 uF, 5%, 470 VAC
C274ACF5400LF0J KEMET-C274ACF5400LF0J Datasheet
58Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 40 uF, 5%, 470 VAC
C274ACF5350LF0J KEMET-C274ACF5350LF0J Datasheet
59Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 35 uF, 5%, 470 VAC
C274ACF4150LF0J KEMET-C274ACF4150LF0J Datasheet
59Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 1.5 uF, 5%, 470 VAC
C284ACA4300AL0J KEMET-C284ACA4300AL0J_V01 Datasheet
297Kb / 7P
C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
C878BF34300AA4J KEMET-C878BF34300AA4J_V01 Datasheet
475Kb / 10P
C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C276CCF5500LH2J KEMET-C276CCF5500LH2J Datasheet
237Kb / 1P
C27, Film, Film/Foil Polypropylene, Motor Run, 50 uF, 5%, 470 VAC
4/11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com