Electronic Components Datasheet Search
  English  ▼

X  

AP2126 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2126
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2126 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2126 Datasheet HTML 1Page - Diodes Incorporated AP2126 Datasheet HTML 2Page - Diodes Incorporated AP2126 Datasheet HTML 3Page - Diodes Incorporated AP2126 Datasheet HTML 4Page - Diodes Incorporated AP2126 Datasheet HTML 5Page - Diodes Incorporated AP2126 Datasheet HTML 6Page - Diodes Incorporated AP2126 Datasheet HTML 7Page - Diodes Incorporated AP2126 Datasheet HTML 8Page - Diodes Incorporated AP2126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP2126
Document number: DS39758 Rev. 2 - 2
5 of 9
www.diodes.com
May 2017
© Diodes Incorporated
AP2126
Performance Characteristics (Cont.)
Quiescent Current vs. Input Voltage
Output Voltage vs. Case Temperature
Load Transient
(Conditions: CIN=COUT=1µF, VIN=4.4V, VOUT=3.3V
Output Voltage vs. Input Voltage
IOUT=10mA to 300mA)
Line Transient
Soft Start Time
(Conditions: IOUT=30mA, CIN=COUT=1µF,
(Conditions: IOUT=0mA, CIN=COUT=1µF,
VIN=4V to 5V, VOUT=3.3V)
VShutdown=0 to 2V, VOUT=3.3V)
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C
=+25
oC
I
OUT
=0
V
OUT
=3.3V
-40
-20
0
20
40
60
80
100
120
3.326
3.328
3.330
3.332
3.334
3.336
3.338
3.340
3.342
3.344
3.346
3.348
Case Temperature (
oC)
I
OUT
=10mA
V
IN
=4.3V
V
OUT
=3.3V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Input Voltage (V)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
I
OUT
=0, V
OUT
=3.3V
VOUT
I
OUT
V
IN
VOUT
VOUT
V
S hutdow n



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com