Electronic Components Datasheet Search
  English  ▼

X  

AP2126 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2126
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2126 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP2126 Datasheet HTML 1Page - Diodes Incorporated AP2126 Datasheet HTML 2Page - Diodes Incorporated AP2126 Datasheet HTML 3Page - Diodes Incorporated AP2126 Datasheet HTML 4Page - Diodes Incorporated AP2126 Datasheet HTML 5Page - Diodes Incorporated AP2126 Datasheet HTML 6Page - Diodes Incorporated AP2126 Datasheet HTML 7Page - Diodes Incorporated AP2126 Datasheet HTML 8Page - Diodes Incorporated AP2126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP2126
Document number: DS39758 Rev. 2 - 2
6 of 9
www.diodes.com
May 2017
© Diodes Incorporated
AP2126
Performance Characteristics (Cont.)
PSRR vs. Frequency
Ordering Information
AP2126 X - X X X
Packing
Output Voltage
TR : Tape & Reel
G1 : Green
Product Name
RoHS/Green
Package
K : SOT-23-5
ADJ : ADJ Output
Package
Temperature Range
Part Number
Marking ID
Packing
SOT-23-5
-40 to +85
oC
AP2126K-ADJTRG1
GHH
3000/Tape & Reel
Marking Information
(1)
SOT-23-5
(Top View)
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
I
OUT
=10mA
I
OUT
=300mA
ripple=1Vpp, C
OUT
=1F, V
OUT
=3.3V
: Logo
XXX: Marking ID
(See Ordering Information)
XXX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com