Electronic Components Datasheet Search
  English  ▼

X  

AP2126 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2126
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2126 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2126 Datasheet HTML 1Page - Diodes Incorporated AP2126 Datasheet HTML 2Page - Diodes Incorporated AP2126 Datasheet HTML 3Page - Diodes Incorporated AP2126 Datasheet HTML 4Page - Diodes Incorporated AP2126 Datasheet HTML 5Page - Diodes Incorporated AP2126 Datasheet HTML 6Page - Diodes Incorporated AP2126 Datasheet HTML 7Page - Diodes Incorporated AP2126 Datasheet HTML 8Page - Diodes Incorporated AP2126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP2126
Document number: DS39758 Rev. 2 - 2
1 of 9
www.diodes.com
May 2017
© Diodes Incorporated
AP2126
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Description
The AP2126 series are positive voltage regulator ICs fabricated by
CMOS process.
The AP2126 series have features of low dropout voltage, low noise,
high output voltage accuracy, and low current consumption which
make them ideal for use in various battery-powered devices.
The AP2126 is available in 1.25V to 5.5V adjustable voltage versions.
The AP2126 series are available in SOT-23-5 Package.
Features
Wide Operating Voltage: 3.0V to 6V
High Output Voltage Accuracy: ±2%
High Ripple Rejection: 68dB@ f = 1kHz, 54dB@ f = 10kHz
Low Standby Current: 0.1µA
Low Dropout Voltage: 170mV@300mA for VOUT = 3.3V,
140mV@ 300mA for VOUT = 5.2V
Low Quiescent Current: 60µA Typical
Low Output Noise: 80µVrms@VOUT = 1.25V
Short Current Limit: 50mA
Over Temperature Protection
Compatible with Low ESR Ceramic Capacitor: 1µF for CIN and
COUT
Excellent Line/Load Regulation
Soft Start Time: 50µs
Auto Discharge Resistance: RDS(ON) = 60Ω
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen & Antimony F
ree. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
5
VIN
GND
Shutdown
VOUT
ADJ
SOT-23-5
Applications
Datacom
Notebook Computers
Mother Board
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
VIN
VIN
VOUT
VOUT
ADJ
Shutdown
GND
COUT
1µF
CIN
1µF
R1
R2
AP2126
1
3
2
4
5
VOUT = 1.25*(1+R1/R2) V


Similar Part No. - AP2126

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2126K-3.3TRG1 BCDSEMI-AP2126K-3.3TRG1 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2126K-ADJTRG1 BCDSEMI-AP2126K-ADJTRG1 Datasheet
612Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2126 BCDSEMI-AP2126_09 Datasheet
612Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results

Similar Description - AP2126

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com