Electronic Components Datasheet Search
  English  ▼

X  

AP2129 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated AP2129 Datasheet HTML 10Page - Diodes Incorporated AP2129 Datasheet HTML 11Page - Diodes Incorporated AP2129 Datasheet HTML 12Page - Diodes Incorporated AP2129 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
9 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Performance Characteristics (Cont.)
Line Transient
Soft Start Time
(Conditions: IOUT=30mA, CIN=COUT=1F,
(Conditions: IOUT=0mA, CIN=COUT=1F,
VIN=4 to 5V, VOUT=3.3V)
VShutdown =0 to 2V, VOUT=3.3V)
Soft Start Time
(Conditions: IOUT=0mA, CIN=COUT=1µF,
PSRR vs. Frequency
VShutdown =0 to 2V, VOUT=0.8V)
PSRR vs. Frequency
Power Dissipation vs. Case Temperature
VIN
V
OU T
VOUT
V
Shutdow n
VOUT
VShutdown
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
I
OUT
=10mA
I
OUT
=300mA
ripple=1Vpp, C
OUT
=1F, V
OUT
=0.8V
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
I
OUT
=10mA
I
OUT
=300mA
ripple=1Vpp, C
OUT
=1F, V
OUT
=3.3V
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (
oC)
V
OUT
=0.8V
No heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com