Electronic Components Datasheet Search
  English  ▼

X  

AP2129 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated AP2129 Datasheet HTML 10Page - Diodes Incorporated AP2129 Datasheet HTML 11Page - Diodes Incorporated AP2129 Datasheet HTML 12Page - Diodes Incorporated AP2129 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
11 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: DFN-1.5x2-6
1.424(0. 056)
1.576(0. 062)
0.500(0. 020)
TYP.
0.200(0. 008)
MIN.
0.174(0. 007)
0.326(0. 013)
1.000(0. 039)
1.200(0. 047)
0.200(0. 008)
0.300(0. 012)
Pin 1 Mark
0.350(0. 014)
0.450(0. 018)
0. 127(0. 005)
REF
0.000(0. 000)
0.050(0. 002)
N1
N3
N4
N6
1
DETAIL A
Pin 1 options
2
PIN#1 IDENTIFICATION
See DETAIL A
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com