Electronic Components Datasheet Search
  English  ▼

X  

AP2129 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2129 Datasheet HTML 1Page - Diodes Incorporated AP2129 Datasheet HTML 2Page - Diodes Incorporated AP2129 Datasheet HTML 3Page - Diodes Incorporated AP2129 Datasheet HTML 4Page - Diodes Incorporated AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
1 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Description
The AP2129 is a 300mA, positive Voltage regulator ICs fabricated by
CMOS process. The AP2129 provides two kinds of output voltage
operation modes for setting the output voltage. Fixed output voltage
mode senses the output voltage on VOUT, adjustable output voltage
mode needs two resistors as a voltage divider.
The AP2129 series have features of low dropout voltage, low noise,
high output voltage accuracy, and low current consumption which
make them ideal for use in various battery-powered devices.
The AP2129 has 1.0V, 1.2V, 1.8V, 2.6V, 2.8V, 3.0V and 3.3V fixed
voltage version and 0.8V to 4.5V adjustable voltage version.
The AP2129 series are available in DFN-1.5x2-6 (1.0V, 1.2V, 1.8V,
2.6V, 2.8V, 3.0V, 3.3V) and SOT-23-5 (1.0V, 1.2V, 3.3V, ADJ)
packages.
Features
Wide Operating Voltage: 1.8V to 6V
High Output Voltage Accuracy: ±2%
High Ripple Rejection: 65dB@ f = 1kHz, 45dB@ f = 10kHz
Low Standby Current: 0.1µA
Low Quiescent Current: 60µA Typical
Low Output Noise: 60µVrms
Short Current Limit: 50mA
Over Temperature Protection
Compatible with Low ESR Ceramic Capacitor: 1µF for CIN and
COUT
Excellent Line/Load Regulation
Soft Start Time: 50µs
Auto Discharge Resistance: RDS(ON) = 60
Pin Assignments
(Top View)
Pin 1 Mark
1
2
3
4
5
6
VIN
GND
Shutdown
VOUT
NC
NC
DFN-1.5x2-6
(Top View)
1
2
3
4
5
VIN
GND
Shutdown
VOUT
ADJ/NC
SOT-23-5
Applications
Datacom
Notebook Computers
Mother Board


Similar Part No. - AP2129

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129 Datasheet
516Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129K-1.0TRG1 BCDSEMI-AP2129K-1.0TRG1 Datasheet
516Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129K-1.0TRG1 BCDSEMI-AP2129K-1.0TRG1 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129K-1.2TRG1 BCDSEMI-AP2129K-1.2TRG1 Datasheet
516Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results

Similar Description - AP2129

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com