Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 26Page - Infineon Technologies AG TLE6368 Datasheet HTML 27Page - Infineon Technologies AG TLE6368 Datasheet HTML 28Page - Infineon Technologies AG TLE6368 Datasheet HTML 29Page - Infineon Technologies AG TLE6368 Datasheet HTML 30Page - Infineon Technologies AG TLE6368 Datasheet HTML 31Page - Infineon Technologies AG TLE6368 Datasheet HTML 32Page - Infineon Technologies AG TLE6368 Datasheet HTML 33Page - Infineon Technologies AG TLE6368 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
30
2004-10-15
3.4.11 Output
voltage
V
OUT
5.4
6.3
V
I
OUT=0.1A
V
IN=13.5 V
3.4.12 Bootstrap
charging
current at
start-up
I
BTSTR
80
160
220
µA
3.4.13 Bootstrap
voltage
(internal
charge
pump)
V
BTSTR
10
15
V
V
FB/L_IN=6.5V,
Buck converter
off
3.4.14 Bootstrap
undervoltage
lockout, Buck
turn on
threshold
V
BTSTR,
turn on
59
V
3.4.15 Bootstrap
undervoltage
lockout,
hysteresis
V
BTSTR,
turn on -
V
BTSTR,
turn off
2.5
V
3.4.16 External
charge
pump
voltage
V
CCP
7.9
11.0
V
I
Q_LDO1 = 800mA,
V
FB/L_IN=6.0V,
C
FLY=100nF,
C
CCP=220nF
3.4.17 Max. Duty
Cycle
duty
max
95
%
Switching
operation
3.4.18 Min. Duty
Cycle
duty
min
0%
Static-off
operation
Voltage Regulator Q_LDO1
3.4.19 Output
voltage
V
Q1
4.9
5.1
V
100mA < I
Q_LDO1
< 800mA
3.4.20 Output
voltage
V
Q1
5.0
V
I
Q_LDO1 = 800mA
-40 < T
j <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com