Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 6Page - Infineon Technologies AG TLE6368 Datasheet HTML 7Page - Infineon Technologies AG TLE6368 Datasheet HTML 8Page - Infineon Technologies AG TLE6368 Datasheet HTML 9Page - Infineon Technologies AG TLE6368 Datasheet HTML 10Page - Infineon Technologies AG TLE6368 Datasheet HTML 11Page - Infineon Technologies AG TLE6368 Datasheet HTML 12Page - Infineon Technologies AG TLE6368 Datasheet HTML 13Page - Infineon Technologies AG TLE6368 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
10
2004-10-15
section 5) the output voltage level is present at the drain of the switch. As soon as the
voltage at the SW pin passes zero volts the handover to the main switch occurs and the
traditional switching behaviour of the Buck switch can be observed.
2.2
Linear Voltage Regulators
The Linear regulators offer, depending on the version, voltage rails of 5V, 3.3V and 2.6V
which can be determined by a hardware connection (see table at 2.2.2) for proper power
up procedure. Being supplied by the output of the Buck pre-regulator the power loss
within the three linear regulators is minimized.
All voltage regulators are short circuit protected which means that each regulator
provides a maximum current according to its current limit when shorted. Together with
the external charge pump the NPN pass elements of the regulators allow low dropout
voltage operation. By using this structure the linear regulators work stable even with a
minimum of 470nF ceramic capacitors at their output.
Q_LDO1 has 5V nominal output voltage, Q_LDO2
has a hardware programmable
output voltage of 3.3V or 2.6V and Q_LDO3 is also programmable to 3.3V or 2.6V (see
section 2.2.2). All three regulators are on all the time, if one regulator is not needed a
base load resistor in parallel to the output capacitance for controlled power down is
recommended.
2.2.1
Startup Sequence Linear Regulators
When acting as a 32 bit µC supply the so-called power sequencing (the dependency of
the different voltage rails to each other) is important. Within the TLE 6368 G1 / SONIC,
the following Startup-Sequence is defined (see also figure 4):
V
Q_LDO2 ≤ VQ_LDO1; VQ_LDO3 ≤ VQ_LDO1
with V
Q_LDO1=5V, VQ_LDO2 = 2.6V or 3.3V and VQ_LDO3 = 2.6V or 3.3V
The power sequencing refers to the regulator itself, externally voltages applied at
Q_LDO2 and Q_LDO3 are not pulled down actively by the device if Q_LDO1 is lower
than those outputs.
That means for the power down sequencing if different output capacitors and different
loads at the three outputs of the linear regulators are used the voltages at Q_LDO2 and
Q_LDO3 might be higher than at Q_LDO1 due to slower discharging. To avoid this
behaviour three Schottky diodes have to be connected between the three outputs of the
linear regulators in that way that the cathodes of the diodes are always connected to the
higher nominal rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com